Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCU04M Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHCU04M
Description  HEX INVERTER SINGLE STAGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCU04M Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCU04M Datasheet HTML 1Page - STMicroelectronics 74VHCU04M Datasheet HTML 2Page - STMicroelectronics 74VHCU04M Datasheet HTML 3Page - STMicroelectronics 74VHCU04M Datasheet HTML 4Page - STMicroelectronics 74VHCU04M Datasheet HTML 5Page - STMicroelectronics 74VHCU04M Datasheet HTML 6Page - STMicroelectronics 74VHCU04M Datasheet HTML 7Page - STMicroelectronics 74VHCU04M Datasheet HTML 8Page - STMicroelectronics 74VHCU04M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74VHCU04
3/11
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.7
1.7
1.7
V
3.0 to
5.5
0.8VCC
0.8VCC
0.8VCC
VIL
Low Level Input
Voltage
2.0
0.3
V
3.0 to
5.5
0.2
VCC
0.2
VCC
0.2
VCC
VOH
High Level
Output Voltage
2.0
IO=-50 µA
1.8
2.0
1.8
1.8
V
3.0
IO=-50 µA
2.7
3.0
2.7
2.7
4.5
IO=-50 µA
4.0
4.5
4.0
4.0
3.0
IO=-4 mA
2.58
2.48
2.48
4.5
IO=-8 mA
3.94
3.8
3.8
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.2
0.2
0.2
V
3.0
IO=50 µA
0.0
0.3
0.3
0.3
4.5
IO=50 µA
0.0
0.5
0.5
0.5
3.0
IO=4 mA
0.36
0.44
0.44
4.5
IO=8 mA
0.36
0.44
0.44
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
220
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.0
8.9
1.0
10.5
1.0
10.5
ns
3.3(*)
50
7.5
11.4
1.0
13.0
1.0
13.0
5.0(**)
15
3.5
5.5
1.0
6.5
1.0
6.5
ns
5.0(**)
50
5.0
7.0
1.0
8.0
1.0
8.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
510
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
13
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com