Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCU04M Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCU04M
Description  HEX INVERTER SINGLE STAGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCU04M Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCU04M Datasheet HTML 1Page - STMicroelectronics 74VHCU04M Datasheet HTML 2Page - STMicroelectronics 74VHCU04M Datasheet HTML 3Page - STMicroelectronics 74VHCU04M Datasheet HTML 4Page - STMicroelectronics 74VHCU04M Datasheet HTML 5Page - STMicroelectronics 74VHCU04M Datasheet HTML 6Page - STMicroelectronics 74VHCU04M Datasheet HTML 7Page - STMicroelectronics 74VHCU04M Datasheet HTML 8Page - STMicroelectronics 74VHCU04M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74VHCU04
4/11
Table 9: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Figure 3: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL = 50 pF
0.5
0.8
V
VOLV
-0.8
-0.5
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
4.0
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com