Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5162 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP5162
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5162 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP5162 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5162 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermoelectric Cooler
SP5162
Copyright 2002, Marlow Industries, Inc. Marlow Industries reserves the right to change the design and specifications of products without notice. 102-0224, Rev 2
Performance Curves
Environment: One atmosphere dry nitrogen
For performance information in a vacuum or with hot side temperatures other than 27°C or 85°C, consult one of our
Applications Engineers.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For additional
information, please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is recommended. To
minimize thermal stress, use linear/proportional temperature control or a similar method rather than an ON/OFF method.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
TEL: 214-340-4900
FAX: 214-341-5212
Internet: http://www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
TEL: +44 (0)1444-443404
FAX: +44 (0)1444-443334
Marlow Industries Asia
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
TEL: +81 (3) 5454-5280
FAX: +81 (3) 5454-5281



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com