Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5162 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP5162
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5162 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP5162 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5162 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
SP5162
Copyright 2002, Marlow Industries, Inc. Marlow Industries reserves the right to change the design and specifications of products without notice. 102-0224, Rev 2
Performance Values
Mechanical Characteristics
Ceramic material: Alumina (AC)
Ordering Options
For information regarding additional ordering
options available, please contact a Marlow
engineering representative.
Hot Side Temperature (°C)
27°C
85°C
ΔTmax (°C-dry N
2):
68
88.5
Qmax (watts):
2.30
2.80
Imax (amps):
1.60
1.50
Vmax (vdc):
2.17
2.74
AC Resistance (ohms):
1.14
---
SP5162-01AC
hot side exterior is metallized
SP5162-04AC
both surfaces are metallized with 183°C


Similar Part No. - SP5162

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP516 SIPEX-SP516 Datasheet
499Kb / 21P
20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
SP516CF SIPEX-SP516CF Datasheet
499Kb / 21P
20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
logo
Seiko Instruments Inc
SP516P SII-SP516P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
More results

Similar Description - SP5162

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com