Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP516 Datasheet (PDF) - Sipex Corporation

SP516 Datasheet PDF - Sipex Corporation
Part # SP516
Download  SP516 Download
File Size   499.79 Kbytes
Page   21 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable

SP516 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP516 Datasheet PDF - Sipex Corporation

Part # SP516
Download  SP516 Click to download

File Size   499.79 Kbytes
Page   21 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable

SP516 Datasheet (HTML) - Sipex Corporation


SP516 Product details

DESCRIPTION
The SP516 is a monolithic device that supports eight (8) popular serial interface standards for DTE to DCE connectivity. The seven (7) drivers and seven (7) receivers can transmit and receive signals over 20Mbps. The SP516 requires no additional external components for compliant operation for all of the eight (8) modes of operation. All necessary termination is integrated within the SP516 and is switchable when V.35 drivers, V.35 receivers, and V.11 receivers are used. The SP516 can operate as either a DTE or DCE.

■ 20Mbps Differential Transmission Rates
■ Internal Termination Network Disable Control
■ Interface Modes Supported:
   ✓ RS-232 (V.28)              ✓ X.21/RS-422 (V.11)
   ✓ EIA-530 (V.10 & V.11) ✓ EIA-530A (V.10 & V.11)
   ✓ RS-449 (V.10 & V.11)  ✓ V.35 (V.35 & V.28)
   ✓ V.36 (V.10 & V.11)       ✓ RS-485 (un-terminated V.11)
■ Software Protocol Selection
■ Loopback Self-Test Mode
■ Internal Transceiver Termination Resistors for V.11 and V.35 Protocols
■ Driver and Receiver high-Z Control
■ Improved ESD Tolerance for Analog I/Os
■ Compliant to NET1/2 and TBR2 Physical Layer Requirements from SP505
■ Applications include Routers, Switches, DSU/CSUs, and Access Devices




Similar Part No. - SP516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP5162 ETC2-SP5162 Datasheet
206Kb / 2P
Thermoelectric Cooler
SP5162-01AC ETC2-SP5162-01AC Datasheet
206Kb / 2P
Thermoelectric Cooler
SP5162-04AC ETC2-SP5162-04AC Datasheet
206Kb / 2P
Thermoelectric Cooler
logo
Seiko Instruments Inc
SP516P SII-SP516P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
More results


Similar Description - SP516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847 Datasheet
239Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
logo
Motorola, Inc
MC14499 MOTOROLA-MC14499 Datasheet
165Kb / 8P
7-Segment LED Display Decoder/Driver with Serial Interface
logo
Exar Corporation
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com