Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP516 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP516
Description  20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP516 Datasheet(HTML) 1 Page - Sipex Corporation

  SP516 Datasheet HTML 1Page - Sipex Corporation SP516 Datasheet HTML 2Page - Sipex Corporation SP516 Datasheet HTML 3Page - Sipex Corporation SP516 Datasheet HTML 4Page - Sipex Corporation SP516 Datasheet HTML 5Page - Sipex Corporation SP516 Datasheet HTML 6Page - Sipex Corporation SP516 Datasheet HTML 7Page - Sipex Corporation SP516 Datasheet HTML 8Page - Sipex Corporation SP516 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
SP516DS/02
SP516 20Mbps 7 Driver, 7 Reciver Multiprotocol Serial Transceiver
© Copyright 2000 Sipex Corporation
The SP516 is a monolithic device that supports eight (8) popular serial interface standards for
DTE to DCE connectivity. The seven (7) drivers and seven (7) receivers can transmit and receive
signals over 20Mbps. The SP516 requires no additional external components for compliant
operation for all of the eight (8) modes of operation. All necessary termination is integrated
within the SP516 and is switchable when V.35 drivers, V.35 receivers, and V.11 receivers
are used. The SP516 can operate as either a DTE or DCE.
Additional features with the SP516 include internal loopback that can be initiated in either
single-ended or differential modes. While in loopback mode, driver outputs are internally
connected to receiver inputs, creating an internal signal path convenient for diagnostic testing.
This eliminates the need for an external loopback plug. The SP516 includes a termination network
disable pin for the V.35 and V.11 receiver input termination circuitry. High-Z ability for the driver
and receiver outputs is controlled by supplying a 4-bit word into the address decoder. Seven (7)
drivers and one (1) receiver in the SP516 include separate enable pins for added convenience.
SP516
20Mbps 7 Driver, 7 Receiver Multiprotocol
Serial Transceiver with Termination Disable
DESCRIPTION
s 20Mbps Differential Transmission Rates
s Internal Termination Network Disable Control
s Interface Modes Supported:
 RS-232 (V.28)
 X.21/RS-422 (V.11)
 EIA-530 (V.10 & V.11)  EIA-530A (V.10 & V.11)
 RS-449 (V.10 & V.11)  V.35 (V.35 & V.28)
 V.36 (V.10 & V.11)
 RS-485 (un-terminated V.11)
s Software Protocol Selection
s Loopback Self-Test Mode
s Internal Transceiver Termination Resistors for
V.11 and V.35 Protocols
s Driver and Receiver high-Z Control
s Improved ESD Tolerance for Analog I/Os
s Compliant to NET1/2 and TBR2 Physical
Layer Requirements from SP505
s Applications include Routers, Switches,
DSU/CSUs, and Access Devices
EIA-530
WAN
V.35


Similar Part No. - SP516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP5162 ETC2-SP5162 Datasheet
206Kb / 2P
Thermoelectric Cooler
SP5162-01AC ETC2-SP5162-01AC Datasheet
206Kb / 2P
Thermoelectric Cooler
SP5162-04AC ETC2-SP5162-04AC Datasheet
206Kb / 2P
Thermoelectric Cooler
logo
Seiko Instruments Inc
SP516P SII-SP516P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
More results

Similar Description - SP516

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847 Datasheet
239Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
logo
Motorola, Inc
MC14499 MOTOROLA-MC14499 Datasheet
165Kb / 8P
7-Segment LED Display Decoder/Driver with Serial Interface
logo
Exar Corporation
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com