Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP516 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP516
Description  20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP516 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP516 Datasheet HTML 13Page - Sipex Corporation SP516 Datasheet HTML 14Page - Sipex Corporation SP516 Datasheet HTML 15Page - Sipex Corporation SP516 Datasheet HTML 16Page - Sipex Corporation SP516 Datasheet HTML 17Page - Sipex Corporation SP516 Datasheet HTML 18Page - Sipex Corporation SP516 Datasheet HTML 19Page - Sipex Corporation SP516 Datasheet HTML 20Page - Sipex Corporation SP516 Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
SP516DS/02
SP516 20Mbps 7 Driver, 7 Reciver Multiprotocol Serial Transceiver
© Copyright 2000 Sipex Corporation
SP516 Receiver Mode Selection
SP516 Driver Mode Selection
Pin Label
RD(a)
RD(b)
RT(a)
RT(b)
CS(a)
CS(b)
DM(a)
DM(b)
RR(a)
RR(b)
IC(a)
IC(b)
SCT(a)
SCT(b)
Pin Label
Mode:
RS232
V.35
RS422
RS449
EIA530
EIA-530A
V.36
0000
0010
1110
0100
0101
1100
1101
1111
0110
SD(a)
high-Z
V.28
V.35–
V.11–
V.11–
V.11–
SD(b)
V.35+
V.11+
V.11+
V.11+
TR(a)
high-Z
V.28
V.11–
V.11–
V.11–
V.10
TR(b)
high-Z
high-Z
high-Z
V.11+
V.11+
V.11+
high-Z
RS(a)
high-Z
V.28
V.11–
V.11–
V.11–
RS(b)
high-Z
high-Z
high-Z
V.11+
V.11+
V.11+
RL(a)
high-Z
V.28
V.11–
V.11–
V.10
RL(b)
high-Z
high-Z
high-Z
V.11+
V.11+
high-Z
LL(a)
high-Z
V.28
V.11–
V.11–
V.10
LL(b)
high-Z
high-Z
high-Z
V.11+
V.11+
high-Z
ST(a)
high-Z
V.28
V.35–
V.11–
V.11–
V.11–
ST(b)
V.35+
V.11+
V.11+
V.11+
TT(a)
high-Z
V.28
V.35–
V.11–
V.11–
V.11–
TT(b)
V.35+
V.11+
V.11+
V.11+
high-Z
high-Z
high-Z
high-Z
high-Z
high-Z
V.28
V.28
V.28
V.28
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
high-Z
V.11–
V.11+
V.11–
V.11+
V.10
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.10
high-Z
V.10
high-Z
V.11–
V.11+
V.10
high-Z
V.10
high-Z
V.10
high-Z
V.11–
V.11+
V.11–
V.11+
Mode:
RS232
V.35
RS422 w/ Term.
RS422
RS449
EIA530
EIA-530A
V.36
0000
0010
1110
0100
0101
1100
1101
1111
0110
V.28
V.35–
V.11–
V.11–
V.11–
V.35+
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11–
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11–
V.11+
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.11–
V.11–
V.11+
V.11+
V.28
V.35–
V.11–
V.11–
V.11–
V.35+
V.11+
V.11+
V.11+
V.28
V.28
V.28
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.10
V.10
V.10
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND >12kΩ to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
V.11–
V.11+
V.11–
V.11+
>10k
Ω to GND
>10k
Ω to GND
V.10
V.10
>10k
Ω to GND
V.10
>10k
Ω to GND
V.10
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
>10k
Ω to GND
V.10
V.35–
V.35+
V.28
>10k
Ω to GND
V.11–
V.11+
30
DEC – DEC
30
DEC – DEC
RS422 w/ Term.
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
V.11–
V.11+
Table 1
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com