Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP516 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP516
Description  20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP516 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP516 Datasheet HTML 13Page - Sipex Corporation SP516 Datasheet HTML 14Page - Sipex Corporation SP516 Datasheet HTML 15Page - Sipex Corporation SP516 Datasheet HTML 16Page - Sipex Corporation SP516 Datasheet HTML 17Page - Sipex Corporation SP516 Datasheet HTML 18Page - Sipex Corporation SP516 Datasheet HTML 19Page - Sipex Corporation SP516 Datasheet HTML 20Page - Sipex Corporation SP516 Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
SP516DS/02
SP516 20Mbps 7 Driver, 7 Reciver Multiprotocol Serial Transceiver
© Copyright 2000 Sipex Corporation
Figure 45. SP516 Typical Operating Circuit
15 TxC
63 TT(a)
65 TT(b)
6
TTEN
RD(a) 70
RxD 1
RD(b) 71
RT(a) 37
RxC 20
RT(b) 38
CS(a) 66
CTS 80
CS(b) 67
DM(a) 68
DSR 78
DM(b) 69
RR(a) 35
DCD 19
RR(b) 36
IC(a) 39
RI 21
IC(b) 40
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
14 TxD
61 SD(a)
59 SD(b)
2
SDEN
22 ST
42 ST(a)
44 ST(b)
23 STEN
13 DTR
58 TR(a)
56 TR(b)
3
TREN
16 RTS
54 RS(a)
52 RS(b)
4
RSEN
17 RL
47 RL(a)
45 RL(b)
18 RLEN
24 LL
51 LL(a)
49 LL(b)
5
LLEN
22
µF
22
µF
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
+5V
10
µF
27
25
26
31
28
30
22
µF
32
9
10
11
12
1
0
1
0
RS-422 Mode
Input Word
A
B
Charge Pump
A — Receiver high-Z circuitry,
V.11, & V.35 termination
resistor circuitry (RxD,
RxC & SCT).
B — Driver high-Z circuitry &
V.35 termination circuitry
(TxD, TxC & ST).
SP516
(Additional GND Pins: 34, 43, 46, 50, 53, 57, 60, 64, 72, 75)
(Additional V
CC Pins: 33, 41, 48, 85, 62, 73, 74)
8
TERM_OFF
DEC3
DEC2
DEC1
DEC0
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com