Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 813
Description  Green 7-segment clock display - 0.56" digit height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

813 Datasheet(HTML) 1 Page - Adafruit Industries

  813 Datasheet HTML 1Page - Adafruit Industries 813 Datasheet HTML 2Page - Adafruit Industries 813 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Green 7-segment clock display - 0.56" digit
height
PRODUCT ID: 813


Similar Part No. - 813

ManufacturerPart #DatasheetDescription
logo
Littelfuse
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
813 MILL-MAX-813 Datasheet
2Mb / 11P
Mill-Max Spring-loaded Connectors Minimize Noise
logo
Littelfuse
813 LITTELFUSE-813 Datasheet
913Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
12/19/19
logo
Abbatron All Rights Res...
813 ABBATRON-813 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
813 BG-813 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
More results

Similar Description - 813

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.56??Display
PD16-CADY01 P-TEC-PD16-CADY01 Datasheet
23Kb / 1P
Single Digit 7 Segment 0.56??Display
PD38-CADG13 P-TEC-PD38-CADG13 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.56??Display
PD38-CADO12 P-TEC-PD38-CADO12 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.56??Display
PD38-CADR24 P-TEC-PD38-CADR24 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.56??Display
PD46-CAMR21 P-TEC-PD46-CAMR21 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
Four Digit 7 Segment 0.56??Display
PDT562B-CADG25 P-TEC-PDT562B-CADG25 Datasheet
61Kb / 1P
Dual Digit 7 Segment 0.56??Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com