Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 813
Description  Green 7-segment clock display - 0.56" digit height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

813 Datasheet(HTML) 2 Page - Adafruit Industries

  813 Datasheet HTML 1Page - Adafruit Industries 813 Datasheet HTML 2Page - Adafruit Industries 813 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Design a clock, timer or counter into your next project using our pretty 4-digit
seven-segment display. These bright crisp displays are good for adding numeric
output. Besides the four 7-segments, there are decimal points on each digit and an
extra wire for colon-dots in the center (good for time-based projects).
These are ultra bright 125mcd! You can drive these with less current to get the
same brightness to save power, or crank them up to 20mA and have them really
bright.
These displays are multiplexed, common-cathode. What that means it that you can
use a 74HC595 or just 8 microcontroller pins if you can spare them to control the 8
anodes (7-seg + decimal) at about ~15mA each, and then connect NPN transistors
or a TPIC6B595 to the cathodes to sink the 8*20mA = ~120mA maximum per digit.
These come in a bright green color, we also have many other sizes and colors!
11/27/2015
http://www.adafruit.com/products/813



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com