Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC397 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 9Page - Infineon Technologies AG TC397 Datasheet HTML 10Page - Infineon Technologies AG TC397 Datasheet HTML 11Page - Infineon Technologies AG TC397 Datasheet HTML 12Page - Infineon Technologies AG TC397 Datasheet HTML 13Page - Infineon Technologies AG TC397 Datasheet HTML 14Page - Infineon Technologies AG TC397 Datasheet HTML 15Page - Infineon Technologies AG TC397 Datasheet HTML 16Page - Infineon Technologies AG TC397 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
User Manual
3-5
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Application Kit Information
NOTE: Before connecting the board to the PC, make sure that the actual DAS software is installed on the PC. For
actual DAS software please contact your local FAE.
The software can also be found on:
DAS website
3.8.1
Serial Connection to PC
After the first connection of USB to a PC the needed driver will be installed automatically. During this there will
be created a new COM port on PC. This COM port can be used to communicate with the board via ASCLIN0 of the
device. Per default the ASCLIN0 is used on P14.0 and P14.1 (e.g. Generic Bootstrap Loader) .
3.8.2
miniWiggler JDS
The miniWiggler JDS is a low cost debug tool which allows you access to the JTAG of the device. Make sure that
you have the latest DAS release. Debugging is possible via the DAS Server ‘UDAS‘. Please contact your prefered
debug vendor for support of DAS.
If you have connected the board to the PC and there runs the DAS server, then a working connection is visible via
the green ACTIV LED.
The status RUN LED is switched on/off through the DAS Server, depending on the used debugger (client).
IMPORTANT: Make sure that there is no or a tristated connection on X301 (OCDS1) and X302 (DAP) if the ACTIV LED
is on.
3.9
Beeper
The board has an electro-acoustic transducer which can be used for an acoustic output. The transducer is
connected to pin P33.0 and needs a 2048Hz frequency.
3.10
MultiCAN
On the board is one CAN transceiver (CAN FD capable) connected to the CAN module 0 node 0 (P20.7 and P20.8)
on TC3X7. Optional the CAN transceiver can be connected to CAN module 0 node 2 (P10.2 and P10.3). To do this
remove resistor R269, R270 and assemble R257, R258 with 0R Resistor. For location of this resistors please see the
Top Layer assembling Figure 7-5.
Note:
If the board is assembled with TC397 and TLF35584QVVS2 (3,3V version) then the SDMMC module is
connected directly to the SD card. In this case P20.7 and P20.8 are used by the SDMMC and the
transceiver is connected to P10.2 and P10.3.
The transceiver is connected to an IDC10 plug. For the pinout of IDC10 plug see Figure 6-4. You can use a IDC
female connector with crimpconnector, flat cable and SUB-D 9 plug with crimpconnector to have a 1:1 adapter
to SUB-D 9.
3.11
LIN
On the board is one LIN transceiver connected to the ASCLIN2 (P10.5 and P10.6) on TC3X7. The transceiver are
connected to one IDC10 plug. For the pinout of IDC10 plug see Figure 6-5. You can use a IDC female connector with
crimpconnector, flat cable and SUB-D 9 plug with crimpconnector to have a 1:1 adapter to SUB-D 9.
3.12
Ethernet
The Application Kit provide a RJ45 connector (X204) for twisted pair ethernet connections.The board use a
Realtek Integrated 10/100/1000M Ethernet Precision Transceiver RTL8211FI-CG as physical interface device. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com