Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC397 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TC397
Description  Application Kit Manual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC397 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TC397 Datasheet HTML 10Page - Infineon Technologies AG TC397 Datasheet HTML 11Page - Infineon Technologies AG TC397 Datasheet HTML 12Page - Infineon Technologies AG TC397 Datasheet HTML 13Page - Infineon Technologies AG TC397 Datasheet HTML 14Page - Infineon Technologies AG TC397 Datasheet HTML 15Page - Infineon Technologies AG TC397 Datasheet HTML 16Page - Infineon Technologies AG TC397 Datasheet HTML 17Page - Infineon Technologies AG TC397 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
User Manual
3-6
V2.0
Application Kit TC3X7 V2.0
2018-06
Application Kit Manual TC3X7
Hardware: Application Kit TC3X7 V2.0
Application Kit Information
more information about the ethernet modul see TC3X7 User’s Manual, about the PHY see the RTL8211F
datasheet. For the pinout of RJ45 see Figure 6-6.
For the connection between TriCore and PHY is used the RGMII.
3.13
Core current measurement
It is possible to measure the core (+1,25V) current with two ADC pins of the CPU. This can be done by synchronous
measurement of AN36 and AN44. The pins are connected togheter by an 50mOhm resistor. The current can be
calculated by the following formula:
Icore = (VAN44 - VAN36) / 0,05. To get an valid result the measurement must be done synchronous.
3.14
Other peripherals
For all other peripherals there are no special plugs on the board. Many of the peripheral signals are available on
the two standard connectors X102 and X103, see “Connector Pin Assignment” on Page 6-1.
3.15
Toggle LED’s
The status LED’s are low active and can be controlled by Software.
Port 13 pin 0 up to pin 3 are connected to single LED’s (D107... D110) and powered by the normal microcontroller
voltage.
3.16
Buttons
On the board are two buttons.
The reset button (S101) will apply a warm power on reset to the device.
The WAKE button (S102) will be used to enable/wakeup the TLF35584.
3.17
Debug System
3.17.1
OCDS1
The OCDS1 signals are connected to the IDC16 plug (X401). They work with the port supply of Microcontroller (+5V
default or +3,3V). For pinout of the connector see Figure 6-7. You can connect any debugger to this connector.
The signals /BRKIN and /BRKOUT are not connected.
If you connect a debug hardware make sure that the miniWiggler JDS (see “miniWiggler JDS” on Page 3-5) is not
activ (ACTIV LED is off) and on the DAP connector (X302) is no hardware connected or the hardware is tristated.
If the ACTIV LED is on, then stop the active DAS Server ’UDAS’ and/or remove the USB connection to the PC.
3.17.2
DAP
The board comes with a DAP connector (X302). For pinout of this connector see Figure 6-8. You can connect a DAP
hardware here. If you use this connector make sure that the miniWiggler JDS is not activ (ACTIV LED is off) and a
connected OCDS1 hardware is disconnected or tristated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com