Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 6 Page - Testo SE & Co. KGaA

Part # 511
Description  Innovative Pocket-Sized Measurement Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

511 Datasheet(HTML) 6 Page - Testo SE & Co. KGaA

Back Button 511 Datasheet HTML 2Page - Testo SE & Co. KGaA 511 Datasheet HTML 3Page - Testo SE & Co. KGaA 511 Datasheet HTML 4Page - Testo SE & Co. KGaA 511 Datasheet HTML 5Page - Testo SE & Co. KGaA 511 Datasheet HTML 6Page - Testo SE & Co. KGaA 511 Datasheet HTML 7Page - Testo SE & Co. KGaA 511 Datasheet HTML 8Page - Testo SE & Co. KGaA 511 Datasheet HTML 9Page - Testo SE & Co. KGaA 511 Datasheet HTML 10Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Committing to the future
Technical data
Pressure
Measuring range:0 to 100 mbar
Resolution:
0.0 1 mbar
Accuracy:
± 0.03 mbar (0 to 0.30 mbar)
±0.05 mbar (0.31 to 1.00 mbar)
± (0.1 mbar +1.5% of m.v.)
(1.01 mbar to100 mbar)
Units:
hPa, mbar, Pa,
mmH
2O, mmHg,
inH
2O, inHg, psi,
m/s, fpm
Oper. temp.:
0 to 50 °C
Battery type:
Alkaline (2 x AAA)
Battery life:
500 h. (average,
without display
illumination)
Dimensions
(incl. protective cap)
:119 x 46 x 25 mm
Testo 510 - Differential
pressure measurement
Included in delivery:
Calibration protocol · Wrist strap
Belt holder · Protective cap · Batteries
testo 510
- Measuring range of 0 to 100 mbar
- Temperature compensation
- Magnetic base for hands free
instrument mounting
- Flow velocity measurement with
Pitot tube
- Air density compensation
Part no. 0560 0510



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com