Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 5 Page - Testo SE & Co. KGaA

Part # 511
Description  Innovative Pocket-Sized Measurement Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

511 Datasheet(HTML) 5 Page - Testo SE & Co. KGaA

  511 Datasheet HTML 1Page - Testo SE & Co. KGaA 511 Datasheet HTML 2Page - Testo SE & Co. KGaA 511 Datasheet HTML 3Page - Testo SE & Co. KGaA 511 Datasheet HTML 4Page - Testo SE & Co. KGaA 511 Datasheet HTML 5Page - Testo SE & Co. KGaA 511 Datasheet HTML 6Page - Testo SE & Co. KGaA 511 Datasheet HTML 7Page - Testo SE & Co. KGaA 511 Datasheet HTML 8Page - Testo SE & Co. KGaA 511 Datasheet HTML 9Page - Testo SE & Co. KGaA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Committing to the future
testo 606-1/2
Technical data
Material moisture
Measuring range:0 to 90%
Resolution:
0.1
Accuracy:
± 1% (conductivity)
Air humidity
(606-2 only):
Measuring range:0 to 100%rh
Resolution:
0.1%rh
Accuracy:
±2.5%rh (5 to 95%rF)
Units:
%rh, wet bulb,
dewpoint
Air temperature (606-2 only)
Measuring range:-10 to 50°C
Resolution:
0.1°C
Accuracy:
± 0.5 °C
Units:
°C/°F
Oper. temp.:
-10 to 50 °C
Battery type:
Alkaline (2 x AAA)
Battery life:
606-1: 200 h.
606-2: 130 h.
(average, without
display illumination)
Dimensions
(incl. protective cap)
:119 x 46 x 25 mm
Testo 606 - Material
moisture, air temperature
and humidity
Included in delivery:
Calibration protocol · Wrist strap
Belt holder · Protective cap · Batteries
-Available in two models:
Testo 606-1 material moisture
Testo 606-2 material moisture, air
temperature and humidity
-Measurement of wood moisture
e.g. beech, spruce, larch, oak, pine
and maple
- Air temperature and humidity for
monitoring drying processes
- Curves for cement screed,
concrete, plaster, anhydrite, cement
mortar, lime and brick
-Hold and auto-test functions
606-1: Part no. 0560 6060
606-2: Part no. 0560 6062



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com