Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8092 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE8092
Description  AFE8092 Octal-Channel RF Transceiver with Feedback Paths
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE8092 Datasheet(HTML) 4 Page - Texas Instruments

  AFE8092 Datasheet HTML 1Page - Texas Instruments AFE8092 Datasheet HTML 2Page - Texas Instruments AFE8092 Datasheet HTML 3Page - Texas Instruments AFE8092 Datasheet HTML 4Page - Texas Instruments AFE8092 Datasheet HTML 5Page - Texas Instruments AFE8092 Datasheet HTML 6Page - Texas Instruments AFE8092 Datasheet HTML 7Page - Texas Instruments AFE8092 Datasheet HTML 8Page - Texas Instruments AFE8092 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.65 MAX
0.5
0.3
TYP
15.2
TYP
15.2 TYP
0.8 TYP
0.8 TYP
400X
0.55
0.45
0.76
0.56
(2.08)
A
17.2
16.8
B
17.2
16.8
(0.9) TYP
(
16)
FCBGA - 2.65 mm max height
ABJ0400A
BALL GRID ARRAY
4221311/B 04/2020
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Dimension is measured at the maximum solder ball diameter, parallel to primary datum C.
4. Primary datum C and seating plane are defined by the spherical crowns of the solder balls.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.12 C
NOTE 4
0.2 C
W
U
R
N
L
J
G
E
C
A
1
2
3
0.15
C A B
0.08
C
SYMM
SYMM
4
5
NOTE 3
6
7
8
9
10
11
12
13
14
15
17
19
16
18
20
Y
V
T
P
M
K
H
F
D
B
SCALE 0.750
AFE8092
SBASA16B – MAY 2021 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE8092



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com