Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE8092 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE8092
Description  AFE8092 Octal-Channel RF Transceiver with Feedback Paths
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE8092 Datasheet(HTML) 1 Page - Texas Instruments

  AFE8092 Datasheet HTML 1Page - Texas Instruments AFE8092 Datasheet HTML 2Page - Texas Instruments AFE8092 Datasheet HTML 3Page - Texas Instruments AFE8092 Datasheet HTML 4Page - Texas Instruments AFE8092 Datasheet HTML 5Page - Texas Instruments AFE8092 Datasheet HTML 6Page - Texas Instruments AFE8092 Datasheet HTML 7Page - Texas Instruments AFE8092 Datasheet HTML 8Page - Texas Instruments AFE8092 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
1 Features
• Octal RF sampling 12GSPS transmit DACs
• Octal RF sampling 3GSPS receive ADCs
• Maximum RF signal bandwidth:
– TX/FB: 800MHz
• 1200MHz in 4-channel mode
– RX: 600MHz
• RF frequency range: up to 6GHz
• Digital Step Attenuators (DSA):
– TX: 40dB range, 1dB analog and 0.125dB
digital steps
– RX/FB: 31/25dB range, 1dB step
• Single DUC/DDC per chain
• Dual NCOs per chain for fast frequency switching
• Supports TDD operation with fast switching
between TX and RX
• Internal PLL/VCO to generate DAC/ADC clocks
• Optional external CLK at DAC or ADC rate
• SerDes data interface:
– JESD204B and JESD204C
– 8 SerDes transceivers up to 32.5Gbps
– 8b/10b and 64b/66b Encoding
– 12-bit, 16-bit, 24-bit and 32-bit resolution
– Subclass one multi-device synchronization
• Package:
– 17mm × 17mm FCBGA, 0.8mm pitch
2 Applications
• Macro remote radio unit (RRU)
• Active antenna system mMIMO (AAS)
• Small cell base station
• Distributed Antenna Systems (DAS)
• Repeater
3 Description
The AFE8092 is a high performance, wide bandwidth
multi-channel
transceiver,
integrating
eight
RF
sampling transmitter chains, eight RF sampling
receiver chains and two separate RF front end for the
auxiliary chains (feedback paths). The high dynamic
range of the transmitter and receiver chains allows
generating and receiving 3G, 4G and 5G signals
for wireless base stations, and the AFE8092 wide
bandwidth capability is designed for multi-band 4G
and 5G base stations.
Each receiver chain includes a 31dB range DSA
(Digital Step Attenuator), followed by a 3GSPS ADC
(analog-to-digital converter). Each receiver channel
has analog peak power detectors and digital peak
and power detectors to assist an external or
internal autonomous automatic gain controller, and
RF overload detectors for device reliability protection.
The digital down converters (DDC) provides up to
800MHz of combined signal BW in 8-channel mode
and 800MHz in 4-channel mode. In TDD mode, the
receiver channel can be configured to dynamically
switching between traffic receiver (TDD RX) and
wideband feedback receiver (TDD FB), with the
capability of re-using the same analog input for both
purposes.
Each transmitter chain includes a digital up converter
(DUC) supporting up to 800MHz combined signal
bandwidth (1200MHz in 4-channel mode). The output
of the DUC drives a 12GSPS DAC (digital to analog
converter) with a mixed mode output option to
enhance 2nd Nyquist operation. The DAC output
includes a variable gain amplifier (TX DSA) with 40dB
range and 1dB analog and 0.125dB digital steps.
The feedback path includes a 25dB range DSA
driving a 3GSPS RF sampling ADC, shared with
receiver chain, followed by a DDC with up to 800MHz
bandwidth (1200MHz in 4-channel mode).
Package Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
AFE8092
(FCBGA, 400)
17.00mm × 17.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
AFE8092
SBASA16B – MAY 2021 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFE8092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8092 TI-AFE8092 Datasheet
866Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED OCTOBER 2021
AFE8092HIABJ TI-AFE8092HIABJ Datasheet
866Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED OCTOBER 2021
AFE8092IABJ TI-AFE8092IABJ Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8092IABJ TI-AFE8092IABJ Datasheet
866Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED OCTOBER 2021
More results

Similar Description - AFE8092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
AFE8092 TI-AFE8092 Datasheet
902Kb / 12P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
AFE8030 TI-AFE8030 Datasheet
970Kb / 13P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8030 TI-AFE8030_V01 Datasheet
974Kb / 14P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
DECEMBER 2021
AFE8092 TI-AFE8092_V01 Datasheet
866Kb / 13P
AFE8092 Octal-Channel RF Transceiver with Feedback Paths
REVISED OCTOBER 2021
AFE8030 TI-AFE8030_V02 Datasheet
1Mb / 20P
AFE8030 Octal-Channel RF Transceiver with Feedback Paths
REVISED SEPTEMBER 2022
AFE7769D TI1-AFE7769D Datasheet
1Mb / 12P
AFE77xxD Quad-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
JULY 2023
AFE7769D TI-AFE7769D_V01 Datasheet
1Mb / 12P
AFE77xxD Quad/Dual-Channel RF Transceiver With Dual Feedback Paths Integrating CFR/DPD
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com