Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPW Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW Datasheet(HTML) 2 Page - Texas Instruments

  BQ2000TPW Datasheet HTML 1Page - Texas Instruments BQ2000TPW Datasheet HTML 2Page - Texas Instruments BQ2000TPW Datasheet HTML 3Page - Texas Instruments BQ2000TPW Datasheet HTML 4Page - Texas Instruments BQ2000TPW Datasheet HTML 5Page - Texas Instruments BQ2000TPW Datasheet HTML 6Page - Texas Instruments BQ2000TPW Datasheet HTML 7Page - Texas Instruments BQ2000TPW Datasheet HTML 8Page - Texas Instruments BQ2000TPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTIONS
SNS
Current-sense input
Enables the bq2000T to sense the battery current via the voltage developed on this pin by an
external sense-resistor connected in series with the battery pack
VSS
System ground
Connect to the battery’s negative terminal
LED
Charge-status output
Open-drain output that indicates the charging status by turning on, turning off, or flashing an external
LED, driven through a resistor.
BAT
Battery-voltage input
Battery-voltage sense input. A simple resistive divider, across the battery terminals, generates this
input.
TS
Temperature-sense input
Input for an external battery-temperature monitoring circuit. An external resistive divider network with
a negative temperature-coefficient thermistor sets the lower and upper temperature thresholds.
RC
Timer-program input
Used to program the maximum fast charge-time, maximum top-off charge-time, hold-off period, trickle
charge rate, and to disable or enable top-off charge. A capacitor from VCC and a resistor to ground
connect to this pin.
VCC
Supply-voltage input
Recommended bypassing is 10 µF + 0.1 µF to 0.22 µF of decoupling capacitance near the pin.
MOD
Modulation-control output
Push-pull output that controls the charging current to the battery. MOD switches high to enable
charging current to flow and low to inhibit charging-current flow.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com