Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPW Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2000TPW Datasheet HTML 3Page - Texas Instruments BQ2000TPW Datasheet HTML 4Page - Texas Instruments BQ2000TPW Datasheet HTML 5Page - Texas Instruments BQ2000TPW Datasheet HTML 6Page - Texas Instruments BQ2000TPW Datasheet HTML 7Page - Texas Instruments BQ2000TPW Datasheet HTML 8Page - Texas Instruments BQ2000TPW Datasheet HTML 9Page - Texas Instruments BQ2000TPW Datasheet HTML 10Page - Texas Instruments BQ2000TPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
IMAX
IMIN
Trickle
VLBAT
VMCV
Time
Phase1
Phase2
FastCharge
Voltage
Current
bq2000T
www.ti.com
SLUS149D – MAY 1999 – REVISED JANUARY 2010
Lithium-Ion Batteries
The bq2000T uses a two-phase fast-charge algorithm for Li-Ion batteries (Figure 4). In phase one, the bq2000T
regulates constant current until VBAT rises to VMCV. Once VBAT = VMCV, the device identifies the cell as a Li-ion,
and changes the termination method from
ΔT/Δt to minimum current. The bq2000T then moves to phase two,
regulates the battery with constant voltage of VMCV, and terminates when the charging current falls below the IMIN
threshold or the timer expires (whichever happens first). A new charge cycle is started if the cell voltage falls
below the VRCH threshold.
Figure 4. Lithium-Ion Charge Algorithm
During the current-regulation phase, the bq2000T monitors charge time, battery temperature, and battery voltage
for adherence to the termination criteria. During the final constant-voltage stage, in addition to the charge time
and temperature, it monitors the charge current as a termination criterion. There is no post-charge maintenance
mode for Li-Ion batteries.
Table 1 summarizes the charging process for both Nickel and Li-Ion batteries.
Table 1. Charge Algorithm
BATTERY CHEMISTRY
CHARGE ALGORITHM
1. Charge qualification
2. Trickle charge, if required
3. Fast charge (constant current)
NiCd or NiMH
(VBAT < VMCV always)
4. Fast charge termination (rate of temperature rise, maximum charge time = 1 MTO)
5. Top-off (optional)
6. Trickle charge
1. Charge qualification
2. Trickle charge, if required
Li-Ion
3. Fast charge (constant current)
(VBAT ≤ VMCV )
4. Fast charge (constant voltage)
5. Charge termination (minimum current, maximum charge time = 2 MTO)
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com