Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2000TPWR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPWR Datasheet(HTML) 4 Page - Texas Instruments

  BQ2000TPWR Datasheet HTML 1Page - Texas Instruments BQ2000TPWR Datasheet HTML 2Page - Texas Instruments BQ2000TPWR Datasheet HTML 3Page - Texas Instruments BQ2000TPWR Datasheet HTML 4Page - Texas Instruments BQ2000TPWR Datasheet HTML 5Page - Texas Instruments BQ2000TPWR Datasheet HTML 6Page - Texas Instruments BQ2000TPWR Datasheet HTML 7Page - Texas Instruments BQ2000TPWR Datasheet HTML 8Page - Texas Instruments BQ2000TPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4.0V<V
<6.0V
CC
Charge
Initialization
BatteryVoltage(VoltageatBAT pin
checkedcontinuously.)
Sleep
Mode
V
<V
BAT
SLP
V
<
MCV
V
<V
BAT
SLP
Charge
Qualification
State
V
<V
BAT
MCV
Battery Temperature
(Temperatureat TSpinchecked
continuously.Sampledevery8seconds
for
T/ t.)
D D
V
Reset
or
BatteryReplacementatanytime
CC
Charge
Suspended
V
>V
TS
HTF
V
<V
TS
HTF
Battery
Conditioning
Current
Regulation
V
<V
BAT
LBAT or
V
>V
TS
LTF
V
<V
TS
HTF
V
>V
TS
LTF
V
V
V
<V
LBAT
BAT
HTF
TS
LTF
<
and
<V
V
<V
<V
and
V
<V
<V
LBAT
BAT
MCV
HTF
TS
LTF
D D
T/ t(afterhold-offperiod),
orV
<V
or
Time=MTO
TS
TCO
Voltage
Regulation
V
>V
TS
LTF
Top-Off
Selected?
Trickle
Maintenance
Charge
NO
YES
Top-Off
V
>V
TS
LTF
V
<V
TS
LTF and
Time<MTO
Time=MTO
Done
V
V
BAT
MCV
≥
V
V
BAT
MCV
≥
Charge
Suspended
(SeeNote)
V
<V
TS
HTF
V
>V
TS
HTF
and Time<MTO
V
<V
TS
HTF
V
>V
TS
HTF
V
ResetorBatteryReplacementorCapacityDepletion(Li-lon)
CC
Current Taper(I
<I
).
or
Time=2xMTOorV
<V
BAT
min
TS
TCO
Time<MTO
and
V
V
BAT
MCV
reaches
Fast Charge State
V
<
SLP
V
<V
BAT
CC
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
NOTE: If VTS < VTCO at any time, may only return to Trickle Maintenance Charge state and not to Top-Off.
Figure 2. State Diagram
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com