Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2000TPWR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2000TPWR Datasheet HTML 2Page - Texas Instruments BQ2000TPWR Datasheet HTML 3Page - Texas Instruments BQ2000TPWR Datasheet HTML 4Page - Texas Instruments BQ2000TPWR Datasheet HTML 5Page - Texas Instruments BQ2000TPWR Datasheet HTML 6Page - Texas Instruments BQ2000TPWR Datasheet HTML 7Page - Texas Instruments BQ2000TPWR Datasheet HTML 8Page - Texas Instruments BQ2000TPWR Datasheet HTML 9Page - Texas Instruments BQ2000TPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
BAT+
bq2000T
2
4
BAT
VSS
RB1
RB2
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
Initiation and Charge Qualification
The bq2000T initiates a charge cycle when it detects
•
Application of power to VCC
•
Battery replacement
•
Exit from sleep mode
•
Capacity depletion (Li-Ion only)
Immediately following initiation, the IC enters a charge-qualification mode. The bq2000T charge qualification is
based on battery voltage and temperature. If the voltage on the BAT pin is less than the internal threshold, VLBAT,
the bq2000T enters the battery conditioning state. This condition indicates the possibility of a defective or shorted
battery pack. In an attempt to revive a fully depleted pack, the bq2000T enables the MOD pin to trickle-charge at
a rate of once every 1.0s. As explained in the section "Top-Off and Pulse-Trickle Maintenance Charge," the
trickle pulse-width is user-selectable and is set by the value of the resistance connected between the RC pin and
VSS.
During charge qualification, the LED pin blinks at a 1-Hz rate, indicating the pending status of the charger.
Once battery conditioning (trickle charge) has raised the voltage on the BAT pin above VLBAT, the IC enters fast
charge, if the battery temperature is within the VLTF to VHTF range. The bq2000T stays in the battery conditioning
state indefinitely and does not progress to fast charge until the voltage on the BAT pin is above VLBAT and the
temperature is within the VLTF and VHTF range. No timer is implemented during battery conditioning.
Battery Chemistry
The bq2000T detects the battery chemistry by monitoring the battery-voltage profile during the initial stage of the
fast charge. If the voltage on the BAT pin rises to the internal VMCV reference, the IC assumes a Li-Ion battery.
Otherwise, the bq2000T assumes a NiCd/NiMH chemistry. While in the fast charge state, the LED pin is pulled
low (the LED is on).
As shown in Figure 3, a resistor voltage-divider between the battery pack's positive terminal and VSS scales the
battery voltage. A low-pass filter then smooths out this voltage to present a clean signal to the BAT pin. In a
mixed-chemistry design, a common voltage-divider is used as long as the maximum charge voltage of the
nickel-based pack is below that of the Li-Ion pack. Otherwise, different scaling is required.
Figure 3. Battery Voltage Divider and Filter
Once the chemistry is determined, the bq2000T completes the fast charge with the appropriate charge algorithm
(Table 1). The user can customize the algorithm by programming the device using an external resistor and a
capacitor connected to the RC pin, as discussed in later sections.
NiCd and NiMH Batteries
Following charge qualification (which includes trickle charge, if required), the bq2000T fast-charges NiCd or
NiMH batteries using a current-limited algorithm. During the fast-charge period, it monitors charge time,
temperature, and voltage for adherence to the termination criteria. This monitoring is further explained in later
sections. Following fast charge, the battery is topped off, if top-off is selected. The charging cycle ends with a
trickle maintenance-charge that continues as long as the voltage on the BAT pin remains below VMCV.
6
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com