Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14/2FPLP Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 14/2FPLP
Description  2C/14 AWG SOLID FPLP PLENUM JKT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

14/2FPLP Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  14/2FPLP Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conductor :
14 AWG Solid SBC Conductor
Total Cable Weight : 56 kg/km
Final Diameter :
0.206 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
2.6 Ohms / 1000 ft
Mutual Capacitance : 24.6 pF/ft
Impedance :
73.7 Ohms
Velocity of Prop : 67 %
Inductance. :
1.2 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 14/2FPLP - - - (UL) CL2P/CL3P
E198137 OR FPLP 75°C FT-6 UNSH 2/C 14 AWG SOLID --- ZONE/DEVICE A
B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.142
Ins Thickness: 0.011
Jkt Thickness: 0.017
Certified: UL CL2P/CL3P OR FPLP
Flame Rating: FT-6
Max Voltage: 300V
( All of the above values are approximated to within
)
+/- 10%
Package Weight: 37.50 lbs / 17.05 kgs
Description :
2C/14 AWG SOLID FPLP PLENUM JKT - 1000 FT SPOOL
NEC Articles: 760 FPLP
Min. Bend Radius/Minor Axis: 1.442 inches
Operating Temperature : -20°C to 75°C
Standard UL Temp : 60°C
SCP PART#: 14/2FPLP-XX
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Rev04/22
Part Number:
14/2FPLP
14/2FPLP-BL
14/2FPLP-GR
14/2FPLP-OR
14/2FPLP-YL
14/2FPLP-WT
Jacket Color:
Part Number:
Jacket Color:
Red
Blue
Green
Orange
Yellow
White


Similar Part No. - 14/2FPLP

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
14/2FPLR STRUCTURED-CABLE-14/2FPLR Datasheet
304Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
14/2FPLR-500 STRUCTURED-CABLE-14/2FPLR-500 Datasheet
405Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
14/2FPLR-BL STRUCTURED-CABLE-14/2FPLR-BL Datasheet
304Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
14/2FPLR-OR STRUCTURED-CABLE-14/2FPLR-OR Datasheet
304Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
14/2FPLR-WT STRUCTURED-CABLE-14/2FPLR-WT Datasheet
304Kb / 1P
Unsh Riser FPLR 2/C 14/1 AWG SBC
Rev04/22
More results

Similar Description - 14/2FPLP

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3210 GENERAL-C3210 Datasheet
27Kb / 1P
2/C 16 SOLID BC HALAR INS. & PVDF JKT 2/C 16 AWG FPLP PLENUM CABLE
C4347A GENERAL-C4347A Datasheet
211Kb / 1P
2C 14 AWG Solid BC OAS PVC / PVC Fire Alarm / Life Safety Cable
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
C1802 GENERAL-C1802 Datasheet
60Kb / 1P
2C 14 AWG (105/34) OFHC BC PP, PVC
logo
Belden Inc.
8720NH BELDEN-8720NH Datasheet
147Kb / 2P
Electronic, 2C #14 Str TC, PO ins, OS, LSNH Jkt, 600V
12-20-2022
6100UH BELDEN-6100UH Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Plenum
12-20-2022
6101FE BELDEN-6101FE Datasheet
178Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, Shielded, Plenum
12-20-2022
6101UH BELDEN-6101UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Plenum
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com