Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADB18PS Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADB18PS
Description  AUTOPROTECTED DIODE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADB18PS Datasheet(HTML) 1 Page - STMicroelectronics

  ADB18PS Datasheet HTML 1Page - STMicroelectronics ADB18PS Datasheet HTML 2Page - STMicroelectronics ADB18PS Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADB18PS
®
February 1998 - Ed: 2
Peak pulse power dissipation 100 W (8/20
µs)
Stand-off voltage : 18 V
Maximum DC current : 0.5 A
Clamping voltage : VCL < 50 V (8/20
µs)
FEATURES
PPAK-5L
1
TAB
2
3
4
5
PIN-OUT CONFIGURATION
1
5
2
4
Protection combined with rectification
High reliability conferedby monolithic construction
Space saving
Cost effective solution
BENEFITS
AUTOPROTECTED
DIODE BRIDGE
Application Specific Discretes
A.S.D.
TM
Any electronic equipment needing a diode bridge
and protection against transient overvoltage :
Caller Id
Handset
MAIN APPLICATIONS
The ADB18PS combines a diode bridge and a
clamping protection function.
Integrated monolithically within a SMD package,
this device allows space saving and greater
reliability.
It provides both rectification and protection for low
power equipment directly supplied by mains.
DESCRIPTION
Pin
Description
1
DC output
2
AC input
3
Not accessible
4
AC input
5
DC output
TAB
Not to be connected
1/3


Similar Part No. - ADB18PS

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
ADB1000E HOFFMANPRODUCTS-ADB1000E Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
logo
Ohmite Mfg. Co.
ADB1000RE OHMITE-ADB1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
DIOTEC Electronics Corp...
ADB1004 DEC-ADB1004 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
ADB1006 DEC-ADB1006 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
ADB1008 DEC-ADB1008 Datasheet
404Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - ADB18PS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
FULLY AUTOPROTECTED POWER MOSFET
Sep-1994
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
fully autoprotected Power MOSFET
12-Dec-2008
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
fully autoprotected Power MOSFET
05-Apr-2011
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
fully autoprotected Power MOSFET
18-Sep-2013
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
FULLY AUTOPROTECTED POWER MOSFET
Mar-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com