Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADB18PS Datasheet(PDF) 2 Page - STMicroelectronics

Part # ADB18PS
Description  AUTOPROTECTED DIODE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADB18PS Datasheet(HTML) 2 Page - STMicroelectronics

  ADB18PS Datasheet HTML 1Page - STMicroelectronics ADB18PS Datasheet HTML 2Page - STMicroelectronics ADB18PS Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Parameter
Test conditions
Value
Unit
PPP
Peak pulse power dissipation (one pulse)
8 / 20
µs
100
W
P
Power dissipation
Tcase =70
°C20
W
VRRM
Repetitive peak reverse voltage
18
V
IPP
Peak pulse reverse current (one pulse)
8 / 20
µs2
A
IF
Forward current for one diode
0.5
A
IFSM
Non repetitive surge peak forward current
tp = 8.3 ms
tp=10 ms
8
7.5
A
Tstg
Storage temperature range
-40 to 150
°C
Tj
Maximum junction temperature
150
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C, unless otherwise specified)
APPLICATION CIRCUIT : Caller Id interface
Symbol
Parameter
Test conditions
Typ
Max
Unit
VCL
Clamping voltage IPP =2 A
8 / 20
µs50
V
IRM
Leakage current
VRM =18 V
2
µA
VF
Forward voltage for one diode
IF = 500 mA
1.4
V
C
Capacitance
VR =0 V, F=1 MHz
50
pF
ELECTRICAL CHARACTERISTICS (Tamb =25
°C).
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient on FR4 (0.5 cm
2)
80
°C/W
Rth(j-a)
Junction to ambient on IMS (17 cm
2)30
°C/W
Rth(j-c)
Junction to case
4
°C/W
THERMAL RESISTANCES
®
ADB18PS
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com