Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R02
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R02_07 Datasheet HTML 1Page - STMicroelectronics STTH1R02_07 Datasheet HTML 2Page - STMicroelectronics STTH1R02_07 Datasheet HTML 3Page - STMicroelectronics STTH1R02_07 Datasheet HTML 4Page - STMicroelectronics STTH1R02_07 Datasheet HTML 5Page - STMicroelectronics STTH1R02_07 Datasheet HTML 6Page - STMicroelectronics STTH1R02_07 Datasheet HTML 7Page - STMicroelectronics STTH1R02_07 Datasheet HTML 8Page - STMicroelectronics STTH1R02_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2007
Rev 3
1/10
STTH1R02
Ultrafast recovery diode
Main product characteristics
Features and benefits
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ High junction temperature
Description
The STTH1R02 uses ST's new 200 V planar Pt
doping technology, and it is specially suited for
switching mode base drive and transistor circuits.
Packaged in DO-41, DO-15, SMA, and SMB, this
device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection.
Order codes
IF(AV)
1.5 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.7 V
trr (typ)
15 ns
Part Number
Marking
STTH1R02
STTH1R02
STTH1R02RL
STTH1R02
STTH1R02A
R1A
STTH1R02Q
STTH1R02Q
STTH1R02QRL
STTH1R02Q
STTH1R02U
1R2S
K
A
K
K
A
A
SMA
STTH1R02A
SMB
STTH1R02U
K
K
A
A
DO-41
STTH1R02
DO-15
STTH1R02Q
www.st.com


Similar Part No. - STTH1R02_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R02-Y STMICROELECTRONICS-STTH1R02-Y Datasheet
314Kb / 8P
Automotive ultrafast rectifier
February 2017 Rev 1
STTH1R02A STMICROELECTRONICS-STTH1R02A Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02RL STMICROELECTRONICS-STTH1R02RL Datasheet
130Kb / 8P
Ultrafast recovery diode
03-May-2006
STTH1R02ZF STMICROELECTRONICS-STTH1R02ZF Datasheet
311Kb / 8P
Ultrafast rectifier
06-Feb-2017
More results

Similar Description - STTH1R02_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com