Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R02
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R02_07 Datasheet HTML 1Page - STMicroelectronics STTH1R02_07 Datasheet HTML 2Page - STMicroelectronics STTH1R02_07 Datasheet HTML 3Page - STMicroelectronics STTH1R02_07 Datasheet HTML 4Page - STMicroelectronics STTH1R02_07 Datasheet HTML 5Page - STMicroelectronics STTH1R02_07 Datasheet HTML 6Page - STMicroelectronics STTH1R02_07 Datasheet HTML 7Page - STMicroelectronics STTH1R02_07 Datasheet HTML 8Page - STMicroelectronics STTH1R02_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH1R02
4/10
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration (SMB)
Figure 6.
Relative variation of thermal
impedance junction to case versus
pulse duration (DO-41)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SMB
S
cu=1cm²
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
DO-41
Lleads=10mm
tP(s)
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration (DO-15)
Figure 8.
Junction capacitance versus
reverse applied voltage (typical
values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
DO-15
Leads =10mm
tP(s)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)
Figure 9.
Reverse recovery charges
versus dIF/dt (typical values)
Figure 10.
Reverse recovery time versus dIF/dt
(typical values)
0
10
20
30
40
50
60
70
80
10
100
1000
Q
RR(nC)
I
F=1.5A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
10
100
1000
t
RR(ns)
I
F=1.5A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com