Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AFM10
Description  ADAPTIVE FUZZY MODELLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AFM10 Datasheet(HTML) 3 Page - STMicroelectronics

  AFM10 Datasheet HTML 1Page - STMicroelectronics AFM10 Datasheet HTML 2Page - STMicroelectronics AFM10 Datasheet HTML 3Page - STMicroelectronics AFM10 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SYSTEM REQUIREMENTS
MS-DOS version 3.1or higher
Microsoft Windows 3.0 or compatible later version
486, PENTIUM compatible processor chip
8 MBytes RAM (16 Mbytes recommended)
Hard Disk with at least 1MBytes free space
Order Code
Description
Supported Target
Functionalities
System Requirement
STFLAFM10/SW
WTA-FAM for Building Rules
BACK-FAM for Building MFs
STFLWARP11/PG
STFLWARP11/PL
STFLWARP20/PL
ANSI C
MATLAB
®
Rules Minimizer
Step-by-Step Simulation
Simulation from File
Local Tuning
MS-DOS 3.1or higher
Windows 3.0 or later
486, PENTIUM compatible
8 MB RAM
Type
Description
Operating Temperature
Package
STFLWARP11/PG-PL
HCMOS, 6KBytes RAM, 40MHz,
16 Inputs, 16 Outputs, 256 Rules
0 - 70°C
CPGA100-PLCC84
STFLWARP20/PL
HCMOS, 1.4KBytes RAM, 40MHz,
8 Inputs, 4 Outputs, 256 Rules
0 - 70°C
PLCC68
Type
Device
Development Tools
FUZZYSTUDIO
™
™ ADB
FUZZYSTUDIO
™
™ SDT
STFLSTUDIO10/KIT
STFLWARP11/PG
W.A.R.P. 1.X
W.A.R.P. 1.X programmer
EPROM programmer
RS-232 communication handler
Internal Clock
Variables and Rules Editor
W.A.R.P. Compiler/Debugger
Exporter for ANSI C and MATLAB
®
STFLSTUDIO2/KIT
STFLWARP20/PL
W.A.R.P.2.0
W.A.R.P.2.0 programmer
ZEROPOWER programmer
RS-232 communication handler
Internal Clock
Variables and Rules Editor
W.A.R.P. Compiler/Debugger
Exporter for ANSI C and MATLAB
®
3/4
ADAPTIVE FUZZY MODELLER 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com