Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AFM10
Description  ADAPTIVE FUZZY MODELLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AFM10 Datasheet(HTML) 1 Page - STMicroelectronics

  AFM10 Datasheet HTML 1Page - STMicroelectronics AFM10 Datasheet HTML 2Page - STMicroelectronics AFM10 Datasheet HTML 3Page - STMicroelectronics AFM10 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AFM 1.0
ADAPTIVE FUZZY MODELLER
ADVANCED DATA
Up to 8 Input Variables and 4 Output Variables
Up to 8 Fuzzy Sets for each Input Variables
Up to 214 Fuzzy Rules
Rules Learning Phase using an unsupervised
WTA-FAM
Membership Functions Learning Phase using
a supervised BACK-FAM
Automatic and Manual Learning Rate
Rules Minimizer
Gaussian and Triangular Membership
Functions Shape
Inference method based on Product or Minimum
Step-by-Step and from File Simulation available
Supported Target: W.A.R.P. 1.1, W.A.R.P. 2.0,
MATLAB and ANSI C
May 1996
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DESCRIPTION
Adaptive Fuzzy Modeller (AFM) is a tool that easily
allows to obtain a model of a system based on
Fuzzy Logic data structure, starting from the sam-
pling of a process/function expressed in terms of
Input\Output values pairs (patterns).
Its primary capability is the automatic generation of
a database containing the inference rules and the
parameters describing the membership functions.
The generated Fuzzy Logic knowledge base rep-
resents an optimized approximation of the proc-
ess/function provided as input.
The AFM has the capability to translate its project
files to FUZZYSTUDIO
™ project files, MATLAB
and C code, in order to use this environment as a
support for simulation and control .
The block diagram in fig.2 illustrates the AFM logic
flow.
Figure 1. Block Diagram
1/4


Similar Part No. - AFM10

ManufacturerPart #DatasheetDescription
logo
Qualiflow Therm
AFM10 QUALIFLOW-AFM10 Datasheet
404Kb / 2P
MFCs & MFMs series
logo
American Electronic Com...
AFM10-301-M AEC-AFM10-301-M Datasheet
306Kb / 2P
center tube connector
AFM10-302-M AEC-AFM10-302-M Datasheet
306Kb / 2P
center tube connector
AFM10-303-M AEC-AFM10-303-M Datasheet
306Kb / 2P
center tube connector
AFM10-304-M AEC-AFM10-304-M Datasheet
306Kb / 2P
center tube connector
More results

Similar Description - AFM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WARP20 STMICROELECTRONICS-WARP20 Datasheet
275Kb / 28P
8-BIT FUZZY CO-PROCESSOR
Mar-1996
logo
Zarlink Semiconductor I...
SL9009 ZARLINK-SL9009 Datasheet
707Kb / 8P
ADAPTIVE BALANCE CIRCUIT
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
HDTV Adaptive Equalizer
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
Jan-1999
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
logo
Fuji Electric
EDSX11-133 FUJI-EDSX11-133 Datasheet
137Kb / 10P
Z SERIES FUZZY CONTROLLER X (48)48mm)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
Analog Devices
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
Adaptive Linear Power
REV. SpA
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
PIDFuzzy Temperature Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com