Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet (PDF) - STMicroelectronics

WARP20 Datasheet PDF - STMicroelectronics
Part # WARP20
Download  WARP20 Download
File Size   275.58 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT FUZZY CO-PROCESSOR

WARP20 Datasheet (PDF)

Go To PDF Page Download Datasheet
WARP20 Datasheet PDF - STMicroelectronics

Part # WARP20
Download  WARP20 Click to download

File Size   275.58 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT FUZZY CO-PROCESSOR

WARP20 Datasheet (HTML) - STMicroelectronics


WARP20 Product details

GENERAL DESCRIPTION
W.A.R.P.2.0 is a member of the W.A.R.P. family of fuzzy microprocessors, completely developed and producedby SGS-THOMSONMicroelectronicsusing the high performance, reliable HCMOS4T (O.7µm) process.

■ Digital Fuzzy Co-processor 8-bit I/O
■ High Speed Rules Processing 4 Input, 2 Output, 32 Rules in 33.1µs
■ Up to 256 Rules (4 Antecedents,1 Consequent)
■ Up to 8 Input Configurable Variables
■ Up to 16 Membership Functions for an Input Variable
■ Antecedent Membership Functions with Triangular and Trapezoidal Shape
■ Up to 4 Output Variables
■ Up to 256 Membership Functions for all Consequents
■ Singleton Consequent Membership Functions
■ Defuzzification on chip
■ Maximum Clock Frequency 40MHz
■ A/D Start Convertion Pulse presettable
■ Direct Interface to all popular microprocessor
■ HandshakingSignal Polarity presettable
■ Operates ”STAND ALONE” (without µP) if desired
■ Standard +5V Supply Voltage
■ Software Tools and Emulators Availability
■ Pin number: 52
■ 68-lead Plastic Leaded Chip Carrier package.




Similar Part No. - WARP20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WARP11 STMICROELECTRONICS-WARP11 Datasheet
215Kb / 19P
WEIGHT ASSOCIATIVE RULE PROCESSOR
May-1996
More results


Similar Description - WARP20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
HITAG co-processor
2001 Nov 15
logo
STMicroelectronics
AFM10 STMICROELECTRONICS-AFM10 Datasheet
89Kb / 4P
ADAPTIVE FUZZY MODELLER
May-1996
logo
Freescale Semiconductor...
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
8-Bit HCS08 Central Processor Unit
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
Freescale Semiconductor...
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
8-Bit HCS08 Central Processor Unit
logo
Xilinx, Inc
DS308 XILINX-DS308 Datasheet
211Kb / 8P
Fabric Co-processor Bus
logo
NXP Semiconductors
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
8-Bit S08 central processor unit
Rev. 1, 04/2018
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
PIDFuzzy Temperature Controller
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com