Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 9 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics WARP20 Datasheet HTML 10Page - STMicroelectronics WARP20 Datasheet HTML 11Page - STMicroelectronics WARP20 Datasheet HTML 12Page - STMicroelectronics WARP20 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Output Port. This block provides the output data
supported by handshaking signals. Ouput data
resolution is 8 bit.
An output ready on the bus O0-O7 is indicated by
a DS pulse and by its identification number (OC0-
OC1). WAIT active temporarily stops the elabora-
tion phase allowing the synchronization with slower
devices.
Programmable A/D output pulse. This block al-
lows to program the width of the pulse provided on
O11 (only in On-Line mode) that can be used as a
Start Conversion for an external A/D. The width of
this pulse can be configured by means of the
related register (see register bench description)
following the table 4.
Start conversion
Pulse Register
Pulse Width
(TCLK = MCLK Period)
Low, Low, Low
128xTCLK
Low, Low, High
256xTCLK
Low, High, Low
2040xTCLK
Low, High, High
4080xTCLK
High, Low, Low
8160xTCLK
High, Low, High
16320xTCLK
High, High, Low
32000xTCLK
High, High, High
65520xTCLK
Table 4. Start Conversion Pulse (O11) Width
Setting.
9/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com