Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 4 Page - STMicroelectronics

  WARP20 Datasheet HTML 1Page - STMicroelectronics WARP20 Datasheet HTML 2Page - STMicroelectronics WARP20 Datasheet HTML 3Page - STMicroelectronics WARP20 Datasheet HTML 4Page - STMicroelectronics WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PIN DESCRIPTION
Signals READY, RD, WAIT, DS, BUSY, LASTIN
and O11 ( external A/D Start Conversion) have
programmable polarity, see table 6 for default
values.
VDD,VSS. Power is supplied to W.A.R.P. using
these pins. VDD is the power connection and VSS is
the ground connection; multi-connections are nec-
essary.
MCLK.
Master Clock (Input): This is the input
master clock whose frequency can reach up to
40MHz (MAX).
During the Off-Line phase with AUTO High, the
MCLK is internally divided to utilize boot memories
working with a slower frequency.The access speed
is presettable by means of SIS0-SIS2 pins.
PRESET.
Preset (Input, active Low) : This is the
restart pin of W.A.R.P.. It is possible to restart the
work during the computation (On-Line phase) or
before the writing of internal memories (Off-Line
phase). In both cases it must be put Low at least
for a clock period. After PRESET Low the proces-
sor remains in the reset status 3 MCLK pulses.
AUTO.
Auto-Boot: (Input, active High): During the
Off-Line phase AUTO High enables the automatic
boot of W.A.R.P.2.0 whereas AUTO Low validates
the manual downloading. The manual boot has to
be performed using the handshaking signals
RD/READY.
During the On-Line phase AUTO High disables
the generation of the Start A/D conversion (O11)
signal.
SIS0-SIS2.
Speed & Input Selection (Inputs): Dur-
ing the Off-Line phase with AUTO High (Auto-Boot)
SIS bus allows to choose the speed of downloading
from the external memory which contains the start-
up configuration of W.A.R.P.2.0. In that case (Auto-
Boot) MCLK is internally divided to provide a slower
sinchronization signal which is automatically used
as RD for the reading of the external memory. Table
2 shows how to preset the frequency of this syn-
chronization signal.
During the On-Line phase in Slave mode (see
Register Bench description, Tab.5) SIS bus allows
to provide W.A.R.P.2.0 with inputs in any order by
specifying their identification number. The input
and its identification number (SIS0-SIS2) will be
acquired at the next active RD so they must be
already stable when RD is given.
SIS0
SIS1
SIS2
Internal Synchronization
Signal Frequency
Low
Low
Low
MCLK/32
High
Low
Low
MCLK/16
Table 2. Downloading Speed
I0-I7.
Input bus (Input): During the Off-Line phase
these 8 data input pins accept addresses and data
from the external boot memory containing
W.A.R.P.2.0 configuration. This start-up memory
(which can be a ZERO-POWER, the host proces-
sor memory, an EPROM, a Flash, the PC Memory,
etc.) contains the fuzzy project built by means of
FUZZYSTUDIO
™ 2.0.
In On-Line mode this bus carries the input variables
according to the prefixed order.
OFL.
Offline (Input, active High): When this pin is
High, the chip is enabled to load data in the internal
RAMs (Off-Line phase). It must be Low when the
fuzzy controller is waiting for input values and
during the processing phase (On-Line phase).
When OFL changes its status the processor re-
mains presetted for 3 clock pulses.
LASTIN.
Last Input (Input, default active High):
During the On-Line phase in slave mode (see
Register Bench description, table 5) LASTIN High
indicates no other inputs have to be provided so
W.A.R.P.2.0 can start the processing phase.
W.A.R.P.2.0 inputs are those in the input interface
so if some variables do not need to be acquired
again (because they change slower than others)
they remain stored and no extra time is required to
acquire them again.
OE.
Output Enable (Input, active Low): OE Low
enables O0-011output bus or (if High) put it in
3-STATE.
WAIT.
Wait (Input, default active High): This pin
High stops the output processing. When WAIT is
enabled W.A.R.P.2.0 finishes to compute the cur-
rent output variable but it does not give it on the
output bus until WAIT becomes Low. This signal
allows to synchronize W.A.R.P.2.0 with slower de-
vices.
RD.
Read
(Input, default active High): Both in
Off-Line and in On-Line mode RD indicates data
are ready to be acquired from the input bus I0-I7.
READY.
Ready (Output, default active High): Both
in Off-Line and in On-Line mode RD indicates data
have been acquired from the input bus I0-I7 and
are now stored in W.A.R.P.2.0 internal registers.
ENDOFL.
End of Off-Line phase (Output, active
High): This pin indicates the end of the download-
ing phase (Off-Line) so the content of the boot
memory is already stored in W.A.R.P.2.0 internal
memories. After ENDOFL is active the user can put
OFL Low so the On-Line phase can start.
BUSY.
Busy Signal (Output, default active High):
When the elaboration phase is running this pin is
active. When W.A.R.P.2.0 finishes to compute the
last output variable, it puts BUSY Low and waits
for new inputs.
4/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com