Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 15 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 11Page - STMicroelectronics WARP20 Datasheet HTML 12Page - STMicroelectronics WARP20 Datasheet HTML 13Page - STMicroelectronics WARP20 Datasheet HTML 14Page - STMicroelectronics WARP20 Datasheet HTML 15Page - STMicroelectronics WARP20 Datasheet HTML 16Page - STMicroelectronics WARP20 Datasheet HTML 17Page - STMicroelectronics WARP20 Datasheet HTML 18Page - STMicroelectronics WARP20 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
0.5 0.8 1.0
1.5
2.0
2.5
0
1
2
3
4
5
V (V)
0
V (V)
I
V= 5V
DD
T=25
°C
A
(TYPICAL)
Figure 14. TTL-level input Schmitt trigger characteristic.
DEVICE
INPUT
R
PD
R
S
V
DD
V
SS
V
SS
C
IN
V
SS
V
IN
V
0
Figure 15.
DEVICE
INPUT
C
IN
R
S
V
DD
V
SS
V
SS
V
0
V
IN
Figure 16. Input Pin Equivalent Circuit (2)
Note: 1. Only OE and TEST pins.
Note: 1. All input pins except for OE and TEST.
Input Pin Equivalent Circuit (1)
Pull Down
15/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com