Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 27 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 20Page - STMicroelectronics WARP20 Datasheet HTML 21Page - STMicroelectronics WARP20 Datasheet HTML 22Page - STMicroelectronics WARP20 Datasheet HTML 23Page - STMicroelectronics WARP20 Datasheet HTML 24Page - STMicroelectronics WARP20 Datasheet HTML 25Page - STMicroelectronics WARP20 Datasheet HTML 26Page - STMicroelectronics WARP20 Datasheet HTML 27Page - STMicroelectronics WARP20 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Part Number
Maximum Frequency
Supply Voltage
Temperature Range
Package
STFLWARP20/PL
40 MHz
5
±5%
0
°Cto 70 °C
PLCC68
Table 16. Ordering Information
Figure 28. W.A.R.P.2.0 PLCC68 Package
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
25.02
25.27
0.985
0.995
B
24.13
24.33
0.950
0.958
D
4.20
5.08
0.165
0.200
d1
2.54
0.100
d2
0.56
0.022
E
22.61
23.62
0.890
0.930
e
1.27
0.050
F
0.38
0.015
G
0.10
0.004
M
1.27
0.050
M1
1.14
0.044
PACKAGE DIMENSIONS
27/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com