Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 3 Page - STMicroelectronics

  WARP20 Datasheet HTML 1Page - STMicroelectronics WARP20 Datasheet HTML 2Page - STMicroelectronics WARP20 Datasheet HTML 3Page - STMicroelectronics WARP20 Datasheet HTML 4Page - STMicroelectronics WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Pin Assignment
Name
Pins Type
Fun ction
11,26,31,40,48,57
VDD
-
Power Supply
1,10,25,30,39,47,56
VSS
-
Ground
19
TEST
I
Testing (It must be connected to VSS)
12
MCLK
I
Master Clock (up to 40 MHz)
13
PRESET
I
Preset
15
AUTO
I
Auto/Manual-Boot
65
SIS0
I
Auto-Boot Speed (Ext. Memory Support AccessTime) /
Input Selection bit 0
64
SIS1
I
Auto-Boot Speed (Ext. Memory Support Access Time) /
Input Selection bit 1
63
SIS2
I
Auto-Boot Speed (Ext. Memory Support Access Time) /
Input Selection bit 2
67
I0
I
Data Input bit 0
68
I1
I
Data Input bit 1
2
I2
I
Data Input bit 2
3
I3
I
Data Input bit 3
4
I4
I
Data Input bit 4
5
I5
I
Data Input bit 5
6
I6
I
Data Input bit 6
7
I7
I
Data Input bit 7
14
OFL
I
Off-Line/On-Line Switch
18
RD
I
Handshaking Read Ready
16
LASTIN
I
Last Input (Start Elaboration) bit
17
OE
I
Output Enable/3-STATE bit
66
WAIT
I
Temporary Output Processing Stop
24
READY
O
Handshaking Output Signal
21
ENDOFL
O
Offline Phase (external memory downloading) End
23
BUSY
O
Elaboration Phase Indicator
20
DS
O
Data Strobe (Output Ready Signal)
22
ERR
O
Error Flag
33
OC0
O
Output Identifier bit 0
32
OC1
O
Output Identifier bit 1
55
O0
O
External Memory Address/Defuzzified Output bit 0
54
O1
O
External Memory Address/Defuzzified Output bit 1
53
O2
O
External Memory Address/Defuzzified Output bit 2
52
O3
O
External Memory Address/Defuzzified Output bit 3
51
O4
O
External Memory Address/Defuzzified Output bit 4
50
O5
O
External Memory Address/Defuzzified Output bit 5
49
O6
O
External Memory Address/Defuzzified Output bit 6
38
O7
O
External Memory Address/Defuzzified Output bit 7
37
O8
O
External Memory Address bit 8 /
Next Input Progressive Number bit 0
36
O9
O
External Memory Address bit 9 /
Next Input Progressive Number bit 1
35
O10
O
External Memory Address bit 10 /
Next Input Progressive Number bit 2
34
O11
O
External Memory Address bit 11 /
Start Conversion for the external A/D
Table 1. Pin Description
3/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com