Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 14 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 10Page - STMicroelectronics WARP20 Datasheet HTML 11Page - STMicroelectronics WARP20 Datasheet HTML 12Page - STMicroelectronics WARP20 Datasheet HTML 13Page - STMicroelectronics WARP20 Datasheet HTML 14Page - STMicroelectronics WARP20 Datasheet HTML 15Page - STMicroelectronics WARP20 Datasheet HTML 16Page - STMicroelectronics WARP20 Datasheet HTML 17Page - STMicroelectronics WARP20 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to 7
V
IDD
Supply Current
50
mA
IOL
Output Sink Peak Current
+24
mA
IOH
Output Source Peak Current
-12
mA
TOPT
Operating Temperature
0 to +70
°C
ABSOLUTE MAXIMUM RATINGS
Note:
Stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating
sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
4.75
5.0
5.25
V
VI
Input Voltage
0
VDD
V
VO
Ouput Voltage
0
VDD
V
tIR
(2)
Input Rise Time
40
ns
tIF
(2)
Input Fall Time
40
ns
Table 7. Recommended Operation Conditions (1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VOL
Low Level Output Voltage
0.2
0.4
V
VOH
High Level Output Voltage
2.4
3.4
V
VT+
Schmitt trig. +ve Threshold
see fig. 14
0.8
V
VT-
Schmitt trig. - ve Threshold
see fig. 14
2.0
V
IIL
(1)
Low Level Leakage Input Current
VI=VSS
(3 )
-1
-2
nA
IIH
(1)
High Level Leakage Input Current
VI=VDD
(3)
+4
nA
IIL
(2)
Low Level Input Current
VI=VSS
(3)
100
nA
IIH
(2)
High Level Input Current
VI=VDD
(3)
160
µA
IOL
Tri-State Output Leakage Current
VO=VSS or VDD
±10
µA
DC ELECTRICAL CHARACTERISTICS
VDD =5V
±5% TA = 0 to +70 °C unless otherwise specified.
Notes: 1. Operating Condition: VDD=5V
±5%-TA=0 °Cto 70 °C, unless otherwise specified.
2. See fig. 22.
Notes: 1. All inputs with the except of OE and TEST.
2. Only OE and TEST inputs.
3. IOH = -400
µA, IOL = +16mA, T = +25°C.
14/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com