Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 1 Page - STMicroelectronics

  WARP20 Datasheet HTML 1Page - STMicroelectronics WARP20 Datasheet HTML 2Page - STMicroelectronics WARP20 Datasheet HTML 3Page - STMicroelectronics WARP20 Datasheet HTML 4Page - STMicroelectronics WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
March 1996
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
PLCC68
8
I0-I7
BUSY
OFL
12
O0-O1 1
2
OC0-OC1
DS
PRESET
VSS
VDD
W.A.R. P.
2.0
LASTIN
MCLK
WAIT
ENDOFL
ERR
OE
AUTO
3
SIS0-SIS2
RD
READY
Figure 1. Logic Diagram.
Digital Fuzzy Co-processor 8-bit I/O
High Speed Rules Processing
4 Input, 2 Output, 32 Rules in 33.1
µs
Up to 256 Rules (4 Antecedents,1 Consequent)
Up to 8 Input Configurable Variables
Up to 16 Membership Functions for an Input
Variable
Antecedent Membership Functions with
Triangular and Trapezoidal Shape
Up to 4 Output Variables
Up to 256 Membership Functions for all
Consequents
Singleton Consequent Membership Functions
Defuzzification on chip
Maximum Clock Frequency 40MHz
A/D Start Convertion Pulse presettable
Direct Interface to all popular microprocessor
Handshaking Signal Polarity presettable
Operates ”STAND ALONE” (without
µP) if
desired
Standard +5V Supply Voltage
Software Tools and Emulators Availability
Pin number: 52
68-lead Plastic Leaded Chip Carrier package.
ANTECE DENT
MEMORY
P ROGRAM &
CONSE QUENT
MEMORY
P ROGRAMMABLEA/D
OUTPUT PULSE
INTERNAL BUS
Input Port
with
HANDSHAKE
8
ALPHA
CALCULATOR
INFE RENCE
UNIT
DEFUZZIFIER
Ouput Port
with
HANDSHAKE
8
Figure 2. Simplified Block Diagram.
W.A.R.P.2.0
8-BIT FUZZY CO-PROCESSOR
PRELIMINARY DATA
1/28


Similar Part No. - WARP20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WARP11 STMICROELECTRONICS-WARP11 Datasheet
215Kb / 19P
WEIGHT ASSOCIATIVE RULE PROCESSOR
May-1996
More results

Similar Description - WARP20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
HITAG co-processor
2001 Nov 15
logo
STMicroelectronics
AFM10 STMICROELECTRONICS-AFM10 Datasheet
89Kb / 4P
ADAPTIVE FUZZY MODELLER
May-1996
logo
Freescale Semiconductor...
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
8-Bit HCS08 Central Processor Unit
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
Freescale Semiconductor...
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
8-Bit HCS08 Central Processor Unit
logo
Xilinx, Inc
DS308 XILINX-DS308 Datasheet
211Kb / 8P
Fabric Co-processor Bus
logo
NXP Semiconductors
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
8-Bit S08 central processor unit
Rev. 1, 04/2018
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
PIDFuzzy Temperature Controller
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com