Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP20 Datasheet(PDF) 7 Page - STMicroelectronics

Part # WARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP20 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button WARP20 Datasheet HTML 3Page - STMicroelectronics WARP20 Datasheet HTML 4Page - STMicroelectronics WARP20 Datasheet HTML 5Page - STMicroelectronics WARP20 Datasheet HTML 6Page - STMicroelectronics WARP20 Datasheet HTML 7Page - STMicroelectronics WARP20 Datasheet HTML 8Page - STMicroelectronics WARP20 Datasheet HTML 9Page - STMicroelectronics WARP20 Datasheet HTML 10Page - STMicroelectronics WARP20 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ON-LINE MODE
In On-line mode (see figure 7) W.A.R.P.2.0 is en-
abled to elaborate input values and calculate out-
puts according to the fuzzy rules stored into the
microprogram. W.A.R.P.2.0 reads the input values
one a time in the inp ut da ta bus using the
RD/READY signals. If the processor is working in
SLAVE mode (see register bench description in
table 5) the user has to provide the inputs with their
identificationnumbers (by means of SIS0-SIS2), so
it is possible to provide inputs in any order. In
SLAVE mode it i s a ls o po ssib le to f orce
W.A.R.P.2.0 to start the elaboration phase (by
means of LASTIN) without providing all inputs, for
instance when input variables change with different
speed. In this case the outputs that have not be
provided in this cycle, but sampled in the previous
ones, are recovered from the internal buffers.
When all inputs are given or a LASTIN signal is
given, the elaboration phase starts. The elabora-
tion phase is divided in two main parts. During the
first one the input values are read and the corre-
sponding ALPHA values (activation levels) are cal-
culated. In the second part the computation of the
fuzzy rules and the defuzzification are imple-
mented.
W.A.R.P.2.0 acquires each input in 8 clock pulses
(min). Since the acquisition phase is performed by
the user by means of the handshaking signals, 8
clock pulses per input are referred to the most
efficient case. In figure 6 are shown the perform-
0
6 4
1 28
192
256
0
2.0 00
4.0 00
6.0 00
8.0 00
Num b e r of Ru le s
Num b e r of Clo ck Pu ls e s
Numbe r of Inputs = 8
Figure 6. W.A.R.P.2.0 performances
ances in case of 8 inputs. If you are using less
inputs you have to subtract 8 clock pulses for each
of them. The elaboration time for rule requires 32
clock pulses.
For instance if W.A.R.P.2.0 is working at a fre-
quency of 40 MHz (25ns period) with 8 inputs and
128 rules globally (for all outputs) the time required
to provide all outputs is 4000clkp*25ns = 100
µs.
O n-line Ph a se Ma ster
(”MASTER” s e t in th e regi ster ben ch)
O n-line Ph a se Ena ble
OFL=LOW
Input s Acquisition with
Hands ha king Sign als
(RD/READY)
CHIP PRESET
En d of Acquisition Ph a se
S tart Elaboration Pha se
Elaboration P h a se
O utputs Gen eration
DS=HIGH
On-line Ph a se Sl ave
(”SLAVE” set in the register be nc h)
O n-line Ph a se Ena ble
OFL=LOW
Acquisition with
Hands haking by
s p ecifying which inputs
is on the input bu s by
m e an s of SIS0-SIS 2
CHIP PRESET
End of Acquisition Ph as e
S tart Elabora tion Pha se
Elabora tion P h ase
Outputs Ge n eration
DS=HIGH
Last Input h as b een
give n
LASTIN=HIGH
Figure 7. On-Line phase
7/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com