Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX2378F Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # IMX2378F
Description  Off-Line Zero Voltage Switching (ZVS) Flyback Switcher IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

IMX2378F Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button IMX2378F Datasheet HTML 21Page - Power Integrations, Inc. IMX2378F Datasheet HTML 22Page - Power Integrations, Inc. IMX2378F Datasheet HTML 23Page - Power Integrations, Inc. IMX2378F Datasheet HTML 24Page - Power Integrations, Inc. IMX2378F Datasheet HTML 25Page - Power Integrations, Inc. IMX2378F Datasheet HTML 26Page - Power Integrations, Inc. IMX2378F Datasheet HTML 27Page - Power Integrations, Inc. IMX2378F Datasheet HTML 28Page - Power Integrations, Inc. IMX2378F Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Rev. D 12/24
25
InnoMux2-EP
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Led Control (cont.)
DIM1 Pin Analog
Dimming Disable
Threshold
V
ADIM(DISABLE)
40
50
mV
ISENSE Pin Voltage
V
ISENSE
DIM1 Pin = V
ADIM(MAX) (ADIM)
DIM1 Pin = 100% Duty (FPWM)
T
J = 25 °C
98
100
102
mV
DIM1 Pin = 10% of V
ADIM(MAX) (ADIM)
DIM1 Pin = 10% Duty (FPWM)
T
J = 25 °C
8
10
12
mV
IDRIVE Pin Saturation
Detection
V
IDRIVE(SAT)
T
J = 25 °C
85% of
BPS
V
VSENSE Pin Short to
VLED Pin Detection
Threshold
V
SENSE(FAULT)
T
J = 25 °C
97% of
V
LED
V
Selection MOSFET
CDR1, CDR2 Pin
Drive Voltage
V
CDR
BPS
V
CDR1, CDR2 Pin
Pull-Up Resistance
T
J = 25 °C
4.75
5.4
5.8
W
CDR1, CDR2 Pin
Pull-Down Resistance
T
J = 25 °C
4.75
5.4
6.5
W
Refresh Pulse Width
T
REFRESH
Note: Doubled during start-up
500
ns
Synchronous Rectifier
SR Pin Drive Voltage
V
SR
BPS
V
SR FWD Pin
Regulation Target
V
FWD(REG)
-40
-85
mV
SR Pin Pull-Up Speed
I
SR(PU)
T
J = 25 °C
C
LOAD = 2 nF
V
FWD(REG) ‒ VFWD = +40 mV
10
V/μs
SR Pin Pull-Down Speed
I
SR(PD)
T
J = 25 °C
C
LOAD = 2 nF
V
FWD(REG) ‒ VFWD = -30 mV
-10
V/μs
Rise Time
t
R
T
J = 25 °C
C
LOAD = 2 nF
10-90%
50
ns
Fall Time
t
F
T
J = 25 °C
C
LOAD = 2 nF
10-90%
25
ns
Output Pull-Up
Resistance
R
PU
T
J = 25 °C
V
BPS = 5.0 V
I
SR = 5 mA
6
7.9
9
W
Output Pull-Down
Resistance
R
PD
T
J = 25 °C
V
BPS = 5.0 V
I
SR = 5 mA
6
7.8
9
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com