Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX2378F Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # IMX2378F
Description  Off-Line Zero Voltage Switching (ZVS) Flyback Switcher IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

IMX2378F Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button IMX2378F Datasheet HTML 17Page - Power Integrations, Inc. IMX2378F Datasheet HTML 18Page - Power Integrations, Inc. IMX2378F Datasheet HTML 19Page - Power Integrations, Inc. IMX2378F Datasheet HTML 20Page - Power Integrations, Inc. IMX2378F Datasheet HTML 21Page - Power Integrations, Inc. IMX2378F Datasheet HTML 22Page - Power Integrations, Inc. IMX2378F Datasheet HTML 23Page - Power Integrations, Inc. IMX2378F Datasheet HTML 24Page - Power Integrations, Inc. IMX2378F Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Rev. D 12/24
21
InnoMux2-EP
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
UV/OV Pin Line
Overvoltage Recovery
Threshold
I
OV-
T
J = 25 °C
100
μ
A
Line Fault Protection
UV/OV Pin Overvoltage
Deglitch Filter
t
OV+
T
J = 25 °C
3
μ
s
Circuit Protection
Standard Current Limit
(BPP) Capacitor =
0.47 μμF
I
LIMIT
di/dt = 500 mA/μs
T
J = 25 °C
IMX2267C
1.84
2.0
2.16
A
di/dt = 575 mA/μs
T
J = 25 °C
IMX2268C
2.08
2.3
2.52
di/dt = 650 mA/μs
T
J = 25 °C
IMX2278F
2.39
2.6
2.81
di/dt = 725 mA/μs
T
J = 25 °C
IMX2279F
2.63
2.9
3.19
di/dt = 848 mA/μs
T
J = 25 °C
IMX2270F
3.13
3.39
3.67
di/dt = 188 mA/μs
T
J = 25 °C
IMX2174F
0.697
0.750
0.803
di/dt = 288 mA/μs
T
J = 25 °C
IMX2175F
1.06
1.15
1.24
di/dt = 363 mA/μs
T
J = 25 °C
IMX2176F
1.33
1.45
1.57
di/dt = 400 mA/μs
T
J = 25 °C
IMX2177F
1.46
1.6
1.74
di/dt = 475 mA/μs
T
J = 25 °C
IMX2378F
1.77
1.9
2.03
di/dt = 550 mA/μs
T
J = 25 °C
IMX2379F
2.02
2.2
2.38
di/dt = 650 mA/μs
T
J = 25 °C
IMX2370F
2.35
2.6
2.85
di/dt = 475 mA/μs
T
J = 25 °C
IMX2353F
1.67
1.85
2.04
Increased Current Limit
(BPP) Capacitor =
4.7 μμF
I
LIMIT+1
di/dt = 575 mA/μs
T
J = 25 °C
IMX2267C
2.10
2.3
2.50
A
di/dt = 650 mA/μs
T
J = 25 °C
IMX2268C
2.39
2.6
2.81
di/dt = 728 mA/μs
T
J = 25 °C
IMX2278F
2.63
2.91
3.19
di/dt = 813 mA/μs
T
J = 25 °C
IMX2279F
2.97
3.25
3.53
di/dt = 950 mA/μs
T
J = 25 °C
IMX2270F
3.48
3.8
4.12
di/dt = 238 mA/μs
T
J = 25 °C
IMX2174F
0.86
0.95
1.04
di/dt = 350 mA/μs
T
J = 25 °C
IMX2175F
1.27
1.4
1.53
di/dt = 413 mA/μs
T
J = 25 °C
IMX2176F
1.51
1.65
1.79
di/dt = 463 mA/μs
T
J = 25 °C
IMX2177F
1.69
1.85
2.01
di/dt = 525 mA/μs
T
J = 25 °C
IMX2378F
1.92
2.1
2.28
di/dt = 613 mA/μs
T
J = 25 °C
IMX2379F
2.24
2.45
2.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com