Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TLV1112
Description  1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV1112 Datasheet(HTML) 1 Page - STMicroelectronics

  TLV1112 Datasheet HTML 1Page - STMicroelectronics TLV1112 Datasheet HTML 2Page - STMicroelectronics TLV1112 Datasheet HTML 3Page - STMicroelectronics TLV1112 Datasheet HTML 4Page - STMicroelectronics TLV1112 Datasheet HTML 5Page - STMicroelectronics TLV1112 Datasheet HTML 6Page - STMicroelectronics TLV1112 Datasheet HTML 7Page - STMicroelectronics TLV1112 Datasheet HTML 8Page - STMicroelectronics TLV1112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLV1112
1.2V, 0.8A LOW DROPOUT VOLTAGE REGULATOR
SLVS562B – DECEMBER 2004 – REVISED APRIL 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Current of Up to 800 mA
D Operates Down to 1.1-V Dropout
D Specified Dropout Voltage at Multiple
Current Levels
D 0.2% Line Regulation Maximum
D 0.5% Load Regulation Maximum
INPUT
GND
KTP (PowerFLEX
E) PACKAGE
(TOP VIEW)
OUTPUT
DCY (SOT-223) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
GND
KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
GND
OUTPUT
INPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
GND
description/ordering information
The TLV1112 is a low-dropout voltage regulator, designed to provide up to 800 mA of output current at 1.2 V
(typ). All internal circuitry is designed to operate down to 1.1-V input-to-output differential. Dropout voltage is
specified at a maximum of 1.3 V at 800 mA, decreasing at lower load currents.
ORDERING INFORMATION
TJ
VOTYP
(V)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PowerFLEX
t (KTP)
Reel of 2000
TLV1112IKTPR
SOT-223 (DCY)
Tube of 80
TLV1112IDCY
−40
°C to 125°C
1.2 V
SOT-223 (DCY)
Reel of 2500
TLV1112IDCYR
−40
°C to 125°C
1.2 V
TO-220 (KCS)
Tube of 50
TLV1112IKCS
TO-263 (KTT)
Tube of 50
TLV1112IKTT
TO-263 (KTT)
Reel of 1000
TLV1112IKTTR
PowerFLEX (KTP)
Reel of 2000
TLV1112CKTPR
SOT-223 (DCY)
Tube of 80
TLV1112CDCY
0
°C to 125°C
1.2 V
SOT-223 (DCY)
Reel of 2500
TLV1112CDCYR
0
°C to 125°C
1.2 V
TO-220 (KCS)
Tube of 50
TLV1112CKCS
TO-263 (KTT)
Tube of 50
TLV1112CKTT
TO-263 (KTT)
Reel of 1000
TLV1112CKTTR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TLV1112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
1Mb / 36P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15 TI-TLV1117-15 Datasheet
594Kb / 24P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
594Kb / 24P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI1-TLV1117-15CDCY Datasheet
1Mb / 36P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7700 PANASONIC-AN7700 Datasheet
169Kb / 21P
Low-dropout three-pin voltage regulator 1.2-A type
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
1.2 A high PSRR low-dropout linear voltage regulator
Apr-2020
logo
ON Semiconductor
NCV8187 ONSEMI-NCV8187 Datasheet
278Kb / 12P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2020 ??Rev. 2
NCV8187 ONSEMI-NCV8187_V01 Datasheet
580Kb / 19P
Voltage Regulator - Low Iq, Low Dropout, Power Good Output 1.2 A
August, 2021 ??Rev. 8
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com