Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TLV1112
Description  1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV1112 Datasheet(HTML) 2 Page - STMicroelectronics

  TLV1112 Datasheet HTML 1Page - STMicroelectronics TLV1112 Datasheet HTML 2Page - STMicroelectronics TLV1112 Datasheet HTML 3Page - STMicroelectronics TLV1112 Datasheet HTML 4Page - STMicroelectronics TLV1112 Datasheet HTML 5Page - STMicroelectronics TLV1112 Datasheet HTML 6Page - STMicroelectronics TLV1112 Datasheet HTML 7Page - STMicroelectronics TLV1112 Datasheet HTML 8Page - STMicroelectronics TLV1112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLV1112
1.2V, 0.8A LOW DROPOUT VOLTAGE REGULATOR
SLVS562B – DECEMBER 2004 – REVISED APRIL 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The low-profile surface-mount KTP package allows the device to be used in applications where space is limited.
The TLV1112 requires a minimum of 10
mF of output capacitance for stability. Output capacitors of this size or
larger normally are included in most regulator designs.
Unlike pnp-type regulators, where up to 10% of the output current is wasted as quiescent current, the quiescent
current of the TLV1112 flows into the load, increasing efficiency.
The TLV1112C is characterized for operation over the virtual junction temperature range of 0
°C to 125°C. The
TLV1112I is characterized for operation over the virtual junction temperature range of − 40
°C to 125°C.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Continuous input voltage
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
package thermal data (see Note 1)
PACKAGE
BOARD
θJP‡
θJC
θJA
PowerFLEX
t/TO-252 (KTP)
High K, JESD 51-5
1.4
°C/W
19
°C/W
28
°C/W
SOT (DCY)
High K, JESD 51-7
4
°C/W
53
°C/W
TO-220 (KCS)
High K, JESD 51-5
3
°C/W
17
°C/W
19
°C/W
TO-263 (KTT)
High K, JESD 51-5
TBD
TBD
NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
‡ For packages with exposed thermal pads, such as QFN, PowerPAD, or PowerFLEX, θJP is defined as the thermal resistance between the die
junction and the bottom of the exposed pad.
recommended operating conditions
MIN
MAX
UNIT
VIN
Input voltage
2.7
15
V
IOUT
Output current
800
mA
TJ
Operating virtual junction temperature range
TLV1112I
−40
125
°C
TJ
Operating virtual junction temperature range
TLV1112C
0
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com