Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2912DP.A Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2912DP.A
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2912DP.A Datasheet(HTML) 4 Page - Texas Instruments

  UCC2912DP.A Datasheet HTML 1Page - Texas Instruments UCC2912DP.A Datasheet HTML 2Page - Texas Instruments UCC2912DP.A Datasheet HTML 3Page - Texas Instruments UCC2912DP.A Datasheet HTML 4Page - Texas Instruments UCC2912DP.A Datasheet HTML 5Page - Texas Instruments UCC2912DP.A Datasheet HTML 6Page - Texas Instruments UCC2912DP.A Datasheet HTML 7Page - Texas Instruments UCC2912DP.A Datasheet HTML 8Page - Texas Instruments UCC2912DP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
4
www.ti.com
electrical characteristics, these specifications apply for TA = −40°C to 85°C for the UCC2912;
TA = 0°C to 70°C for the UCC3912, VIN = 5 V, IMAX = 0.4 V, SHTDWN = 2.4 V
(unless otherwise stated)
timer section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CT charge current
VCT = 1.0 V
−45.0
-36.0
−22.0
µA
CT discharge current
UCC2912
VCT = 1.0 V
0.72
1.20
1.57
µA
CT discharge current
UCC3912
VCT = 1.0 V
0.72
1.20
1.50
µA
Output duty cycle
VOUT = 0 V
2.0
3.0
6.0
%
CT fault threshold
1.3
1.5
1.7
V
CT reset threshold
0.4
0.5
0.6
V
NOTE 1: All voltages are with respect to ground. Current is positive into and negative out of the specified terminal.
shutdown section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown threshold
1.1
1.5
1.9
V
Shutdown hysteresis
100
mV
Input current
SHTDWN = 1 V
100
500
nA
fault output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output leakage current
500
nA
Low level output voltage
IOUT = 10 mA
0.4
0.8
V
TTL input dc characteristics section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TTL input voltage high
(can be connected to VIN)
2.0
V
TTL input voltage low
0.8
V
TTL input high current
VIH = 2.4 V
3
10
µA
TTL input low current
VIL = 0.4 V
1
µA
NOTE 1: All voltages are with respect to ground. Current is positive into and negative out of the specified terminal.
pin description
B0−B3: These pins provide digital input to the DAC which sets the fault current threshold. They can be used
to provide a digital soft-start, adaptive current limiting.
CT: A capacitor connected to ground sets the maximum fault time. The maximum fault time must be more than
the time to charge the external capacitance in one cycle. The maximum fault time is defined as
FAULT = 27.8
× 103 × CT. Once the fault time is reached the output will shutdown for a time given by:
TSD = 833 × 103 × CT, this equates to a 3% duty cycle.
FAULT: Open drain output which pulls low upon any condition which causes the output to open: fault, thermal
shutdown, or shutdown.
IMAX: When this pin is set to logic low the maximum sourcing current will always be 1 A above the programmed
fault level. When set to logic high, the maximum sourcing current will be a constant 4 A for applications which
require fast charging of load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com