Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2912DP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2912DP.A
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2912DP.A Datasheet(HTML) 1 Page - Texas Instruments

  UCC2912DP.A Datasheet HTML 1Page - Texas Instruments UCC2912DP.A Datasheet HTML 2Page - Texas Instruments UCC2912DP.A Datasheet HTML 3Page - Texas Instruments UCC2912DP.A Datasheet HTML 4Page - Texas Instruments UCC2912DP.A Datasheet HTML 5Page - Texas Instruments UCC2912DP.A Datasheet HTML 6Page - Texas Instruments UCC2912DP.A Datasheet HTML 7Page - Texas Instruments UCC2912DP.A Datasheet HTML 8Page - Texas Instruments UCC2912DP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
1
www.ti.com
D Integrated 0.15-Ω Power MOSFET
D 3-V to 8-V Operation
D Digital Programmable Current Limit
from 0 A to 3 A
D Electronic Circuit Breaker Function
D 1µA ICC When Disabled
D Programmable On-Time
D Programmable Start Delay
D Fixed 3% Duty Cycle
D Unidirectional Switch
D Thermal Shutdown
D Fault-Output Indicator
D Maximum-Output Current Can Be Set to 1 A
Above the Programmed Fault Level or to a
Full 4 A
D Power SOIC, Low-Thermal Resistance
Packaging
description
The UCC3912 family of hot swap power managers provides complete power management, hot swap capability,
and circuit breaker functions. The only component required to operate the device, other than supply bypassing,
is the fault timing capacitor, CT. All control and housekeeping functions are integrated, and externally
programmable. These include the fault current level, maximum output-sourcing current, maximum fault time,
and startup delay. In the event of a constant fault, the internal fixed 3% duty cycle ratio limits average output
power.
The internal 4-bit DAC allows programming of the fault level current from 0 A to 3 A with 0.25-A resolution. The
IMAX control pin sets the maximum sourcing current to 1 A above the fault level when driven low, and to a full
4 A when driven high for applications which require fast output capacitor charging.
When the output current is below the fault level, the output MOSFET is switched on with a nominal on resistance
of 0.15
Ω. When the output current exceeds the fault level, but is less than the maximum sourcing level, the
output remains switched on, but the fault timer starts charging CT. Once CT charges to a preset threshold, the
switch is turned off, and remains off for 30 times the programmed fault time. When the output current reaches
the maximum sourcing level, the MOSFET transitions from a switch to a constant current source. (continued)
block diagram
UDG-99146
B1
B0
6
7
8
2
3
9
11
16
0 A−3 A
0.25
RES
B3
B2
5
4
13
12
CT
ON TIME
CONTROL
3% DUTY
CYCLE
+
−
THERMAL
SHUTDOWN
INTERNAL
BIAS
+
−
1
SHTDWN
14
15
1.5 V
H = OPEN
FAULT
CURRENT SENSE
+
−
CHARGE
PUMP
30 mV
VOUT
REVERSE VOLTAGE
COMPARATOR
+
−
LINEAR CURRENT AMPLIFIER
1 A
ABOVE
FAULT
10
IMAX
GND
HEATSINK
GND PINS
CURRENT FAULT
LEVEL 0A TO 3 A
OVERCURRENT
COMPARATOR
MAX CURRENT
LEVEL
4 A
H = 4 A
VIN
VIN
VOUT
VOUT
POWER
FET
4 BIT DAC
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC2912DP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2912DP TI1-UCC2912DP Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2912DPG4 TI1-UCC2912DPG4 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2912DPR TI1-UCC2912DPR Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2912DPRG4 TI1-UCC2912DPRG4 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
More results

Similar Description - UCC2912DP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
15V Programmable Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com