Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450AC Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FS450AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450AC Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FS450AC Datasheet HTML 15Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 16Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 17Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 18Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 19Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 20Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 21Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 22Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
19
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Function
Reg.
Bit #
Name
Type
Reset Value
ActiveLine
71
7-0
ACTIVELINE10-3
R/W
B4 (1440.)
72
2-0
ACTIVELINE2-0
R/W
00
Chroma Phase
73
7-0
FIRST_LINE7-0
R/W
15 (21.)
Miscellaneous Bits 74, Sync Level
74
7-0
MISC74
R/W
02
75
7-0
SYNC_LVL7-0
R/W
48 (72.)
VBI Blank Level
7C
7-0
VBIBLNK_LVL9-2
R/W
4A (296.)
7D
1-0
VBIBLNK_LVL1-0
R/W
00
Reset, Encoder Version
7E
0
SOFT_RST
R/W
1
7F
7-0
ENC_VER7-0
R
20
Miscellaneous Bits 80, WSS Clock Frequency (upper)
80
6-0
MISC80
R/W
7
81
7-0
WSS_CLK11-4
R/W
2F (759.)
WSS Clock Frequency (lower), WSS Data Field 1 (upper)
82
3-0
WSS_CLK3-0
R/W
07
83
7-0
WSS_DAT119-12
R/W
00
WSS Data Field 1 (lower)
84
7-0
WSS_DAT111-4
R/W
00
85
3-0
WSS_DAT13-0
R/W
00
WSS Data Field 0 (upper)
86
7-0
WSS_DAT019-12
R/W
00
87
7-0
WSS_DAT011-4
R/W
00
WSS Data Field 0 (lower), WSS Line 1 Delay
88
3-0
WSS_DAT03-0
R/W
00
89
7-0
WSS_LINF17-0
R/W
00
WSS Level (lower)
8A
7-0
WSS_LINF07-0
R/W
00
8B
7-0
WSS_LVL9-2
R/W
FF (1023.)
WSS Level (upper), Miscellaneous Bits 8D
8C
1-0
WSS_LVL1-0
R/W
03
8D
4-0
MISC8D4-0
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com