Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS450AC Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # FS450AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450AC Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FS450AC Datasheet HTML 22Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 23Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 24Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 25Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 26Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 27Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 28Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 29Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
26
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.8 NCON - Numerator of NCO Word
Numerator of NCO Word (10)
7
6
5
4
3
2
1
0
NCON7
NCON6
NCON5
NCON4
NCON3
NCON2
NCON1
NCON0
Numerator of NCO Word (11)
7
6
5
4
3
2
1
0
NCON15
NCON14
NCON13
NCON12
NCON11
NCON10
NCON9
NCON8
Numerator of NCO Word (12)
7
6
5
4
3
2
1
0
NCON23
NCON22
NCON21
NCON20
NCON19
NCON18
NCON17
NCON16
Numerator of NCO Word (13)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
12, 11, 10
7-0,7-0,7-0
NCON23-0
Numerator of NCO Word [23:0]. Numerator of clock synthesizer
to generate VGA input clock. NCON is a 24 bit unsigned number.
Range: {0 : NCOD/2}
The FS450 synthesizes a 27-85 MHz clock from the 27 MHz TV_CKIN and supplies this clock
(VGA_CKOUT) to the GCC. This clock is buffered and returned to the FS450 (VGA_CKIN) synchronous to
the RGB data and Sync information. This clock has a 1.5 Hz resolution and can be adjusted so the VGA
scaled input data rate exactly matches the CCIR 656 data output rate.
Frequency VGA / Frequency 656 = # VGA Pixels / # 656 Pixels x # VGA Lines / # 656 Lines
Frequency VGA / Frequency 656 = NCON / NCOD x M / N
Example: for SVGA mode, typ. total pixels x lines ~ 1024 x 625; let M=512, N=128:
NTSC and PAL: NCON = 1024 x 625 = 640,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com