Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40262 Datasheet(PDF) 4 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 4 Page - Microchip Technology

  ZL40262 Datasheet HTML 1Page - Microchip Technology ZL40262 Datasheet HTML 2Page - Microchip Technology ZL40262 Datasheet HTML 3Page - Microchip Technology ZL40262 Datasheet HTML 4Page - Microchip Technology ZL40262 Datasheet HTML 5Page - Microchip Technology ZL40262 Datasheet HTML 6Page - Microchip Technology ZL40262 Datasheet HTML 7Page - Microchip Technology ZL40262 Datasheet HTML 8Page - Microchip Technology ZL40262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ZL40262
DS20006843A-page 4
2024 Microchip Technology Inc. and its subsidiaries.
List of Figures
FIGURE 0-1: “Functional Block Diagram.”.....................................................................................1
FIGURE 1-1: “20-Lead 4 mm x 4 mm VQFN Pin Diagram.”...........................................................6
FIGURE 2-1: “Input driven by source terminated HCSL.” ............................................................9
FIGURE 2-2: “Input driven by receiver terminated HCSL.” ........................................................10
FIGURE 2-3: “Input driven by AC-coupled LVPECL output.”.....................................................10
FIGURE 2-4: “Input driven by AC-coupled LVDS.” ..................................................................... 10
FIGURE 2-5: “Input driven by a single-ended output.”...............................................................11
FIGURE 2-6: “Source-terminated HCSL.” .................................................................................... 11
FIGURE 2-7: “Receiver-terminated HCSL.”.................................................................................. 11
FIGURE 2-8: “Power Supply Filtering.”........................................................................................13
FIGURE 2-9: “100 MHz HCSL Phase Noise.” ............................................................................... 13
FIGURE 2-10: “133 MHz HCSL Phase Noise.” ............................................................................. 14
FIGURE 2-11: “400 MHz HCSL Phase Noise.” ............................................................................. 14
FIGURE 3-1: “Single-Ended Measurement Points for Absolute Cross Point and Swing.” .....22
FIGURE 3-2: “Single-Ended Measurement Points for Delta Cross Point.”...............................23
FIGURE 3-3: “Single-Ended Measurement Points for Rise and Fall Time Matching.”............. 23
FIGURE 3-4: “Differential Measurement Points for Rise and Fall Time.”..................................23
FIGURE 3-5: “Differential Measurement Points for Ringback.”.................................................24
FIGURE 3-6: “PCIe Test Circuit.” ..................................................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com