Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40262 Datasheet(PDF) 13 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 9Page - Microchip Technology ZL40262 Datasheet HTML 10Page - Microchip Technology ZL40262 Datasheet HTML 11Page - Microchip Technology ZL40262 Datasheet HTML 12Page - Microchip Technology ZL40262 Datasheet HTML 13Page - Microchip Technology ZL40262 Datasheet HTML 14Page - Microchip Technology ZL40262 Datasheet HTML 15Page - Microchip Technology ZL40262 Datasheet HTML 16Page - Microchip Technology ZL40262 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 13
ZL40262
FIGURE 2-8:
Power Supply Filtering.
2.6
Power Supplies and Power-up Sequence
The device has two different power supplies: VDD and VDDO which should always be connected to the same voltage
supply. Voltages supported by each of these power supplies are specified in Table 3-2.
VDD and VDDO should always be turned on and off at the same time.
2.7
Device Control
ZL40262 outputs are controlled via OE[1:0]_b pins. When an OE_b pin is low the corresponding outputs will be active
and when this pin is high the output will be high-Z. When the output driver is in high-Z mode, the output pins will be
pulled low via external 50Ω HCSL termination resistors.
2.8
Typical phase noise performance
The following plots show typical phase noise performance for 100 MHz, 133 MHz and 400 MHz respectively.
FIGURE 2-9:
100 MHz HCSL Phase Noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com