Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40264 Datasheet(PDF) 21 Page - Microchip Technology

Part # ZL40264
Description  Four Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40264 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ZL40264 Datasheet HTML 17Page - Microchip Technology ZL40264 Datasheet HTML 18Page - Microchip Technology ZL40264 Datasheet HTML 19Page - Microchip Technology ZL40264 Datasheet HTML 20Page - Microchip Technology ZL40264 Datasheet HTML 21Page - Microchip Technology ZL40264 Datasheet HTML 22Page - Microchip Technology ZL40264 Datasheet HTML 23Page - Microchip Technology ZL40264 Datasheet HTML 24Page - Microchip Technology ZL40264 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2024 Microchip Technology Inc.
DS20006788A-page 21
ZL40264
Additive Jitter as per PCIe 3.0
(PLL_BW = 2 MHz to 5 MHz, CDR
= 10 MHz)
TPCIe_3.0
—
33
41
fs RMS
Input clock: 100 MHz
Additive Jitter as per PCIe 4.0
(PLL_BW = 2 MHz to 5 MHz, CDR
= 10 MHz)
TPCIe_4.0
—
33
41
fs RMS
Input clock: 100 MHz
Additive Jitter as per PCIe 5.0
(PLL_BW = 0.5 MHz to 1.8 MHz,
CDR for 32 GT/s CC)
TPCIe_5.0
—
13
16
fs RMS
Input clock: 100 MHz
Additive Jitter as per PCIe 6.0
(PLL_BW = 0.5 MHz to 1 MHz,
CDR for 64 GT/s CC)
TPCIe_6.0
—
8
10
fs RMS
Input clock: 100 MHz
Additive Jitter as per Intel QPI
9.6 Gbps
TPCIe
—
61
75
fs RMS
Input clock: 100 MHz
Additive RMS Jitter in 1 MHz to
20 MHz Band
Tj_1M_20M
—87
106
fs RMS
Input clock: 100 MHz
—
56
68
Input clock: 133 MHz
—
26
34
Input clock: 400 MHz
—
25
32
Input clock: 491.52 MHz
Additive RMS Jitter in 12 kHz to
20 MHz Band
Tj_12k_20M
—91
112
fs RMS
Input clock: 100 MHz
—
60
75
Input clock: 133 MHz
—
32
48
Input clock: 400 MHz
—
30
43
Input clock: 491.52 MHz
Noise Floor
NF
—
–161
–159
dBc/Hz
Input clock: 100 MHz
—
–162
–161
Input clock: 133 MHz
—
–160
–157
Input clock: 400 MHz
—
–158
–155
Input clock: 491.52 MHz
Note 1: Values are over recommended operating conditions.
TABLE 3-9:
HCSL OUTPUTS FOR VDDO = 2.5V
Note 1
Parameter
Symbol
Min
Typ.
Max
Units
Condition
Rising edge rate
rise_rate
1.3
1.6
1.9
V/ns
Note 2, Note 3
Falling edge rate
fall_rate
1.3
1.6
1.9
Vms
Note 2, Note 3
Differential high voltage
VIH
0.6
—
0.9
V
Note 2
Differential low voltage
VIL
–0.9
—
–0.6
V
Note 2
Single-ended high voltage
VSIH
0.58
0.71
0.84
V
DC measurement
Single-ended low voltage
VSIL
–0.01
0
0.01
V
DC measurement
Absolute crossing voltage
VCROSS
0.25
0.31
0.37
V
Note 1, Note 4, Note 5
Variation of VCROSS over all rising
clock edges
∆VCROSS
0.04
0.05
0.06
V
Note 1, Note 4, Note 9
Ring back voltage margin
VRB
0.514
0.660
0.791
V
Note 2, Note 11
Time before VRB is allowed
tSTABLE
4.6
—
—
ns
Note 2, Note 11
Additive cycle-to-cycle jitter
TJCC
—5.5
7.1
ps peak-
to-peak
Note 2
Absolute maximum voltage
VMAX
—
—
0.90
Note 1, Note 7
Absolute minimum voltage
VMIN
–0.05
—
—
Note 1, Note 8
Output duty-cycle (when input has
50% duty-cycle)
duty_cycle
48
50
52
%
Note 2
TABLE 3-8:
HCSL (PCIE) JITTER PERFORMANCE FOR VDDO = 3.3V (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com