Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40268 Datasheet(PDF) 13 Page - Microchip Technology

Part # ZL40268
Description  Low Skew, Low Additive Jitter 8 Output HCSL/LVDS/
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40268 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ZL40268 Datasheet HTML 9Page - Microchip Technology ZL40268 Datasheet HTML 10Page - Microchip Technology ZL40268 Datasheet HTML 11Page - Microchip Technology ZL40268 Datasheet HTML 12Page - Microchip Technology ZL40268 Datasheet HTML 13Page - Microchip Technology ZL40268 Datasheet HTML 14Page - Microchip Technology ZL40268 Datasheet HTML 15Page - Microchip Technology ZL40268 Datasheet HTML 16Page - Microchip Technology ZL40268 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2020-2021 Microchip Technology Inc.
DS20006412C-page 13
ZL40268
FIGURE 2-6:
Input Driven by LVDS Output for vcm_sel = 0.
FIGURE 2-7:
Input Driven by AC-Coupled LVDS for vcm_sel = 0 and 1.
FIGURE 2-8:
Input Driven by an SSTL Output for vcm_sel = 1.
MSCC Device
100
Z0 = 50
Z0 = 50
LVDS
VDD
VDD
MSCC Device
100
Z0 = 50
Z0 = 50
LVDS
10 nF
10 nF
VDD
VDD
VDD
VDD
RUP
RDWN
vcm_sel
0
1
1 k
1 k
590
3.3 k
RUP
RUP
RDWN
RDWN
120
120
120
120
Z0 = 60
Z0 = 60
SSTL
MSCC Device
VDD
VDD
Inpu t driven by SSTL driver
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com