Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202CG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9DB202CG
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202CG Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9DB202CG Datasheet HTML 1Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 2Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 3Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 4Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 5Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 6Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 7Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 8Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
3
ICS9DB202CG REV B JULY 14, 2006
ICS9DB202
PCI EXPRESS JITTER ATTENUATOR
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C, RREF = 475
Ω
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
C
n
,
K
L
CV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
C
n
,
K
L
CV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
2
,
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .
V
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
D
D
.
V
3
.
0
+
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C, RREF = 475
Ω
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
2
1
1A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
2
2A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
m
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
m
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
S
S
A
P
Y
B
1
S
F
,
1
E
O
n
,
0
E
O
n
V
D
D
V
=
N
I
V
5
6
4
.
3
=
0
5
1A
µ
W
B
_
L
L
P
,
0
S
F
5
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
S
S
A
P
Y
B
1
S
F
,
1
E
O
n
,
0
E
O
n
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=
5
-A
µ
W
B
_
L
L
P
,
0
S
F0
5
1
-
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DD + 0.5V
Package Thermal Impedance,
θ
JA
20 Lead TSSOP
73.2°C/W (0 lfpm)
20 Lead SSOP
80.8°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the
DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com