Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202CG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9DB202CG
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202CG Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9DB202CG Datasheet HTML 1Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 2Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 3Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 4Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 5Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 6Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 7Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 8Page - Integrated Device Technology ICS9DB202CG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
5
ICS9DB202CG REV B JULY 14, 2006
ICS9DB202
PCI EXPRESS JITTER ATTENUATOR
TYPICAL PHASE NOISE AT 100MHZ
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
100MHz
RMS Phase Jitter (Random)
1.5MHz to 22MHz = 2.42ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
PCI Express™ Filter to raw data
PCI Express™ Filter
The illustrated phase noise plot was taken using a low phase
noise signal generator, the noise floor of the signal generator is
less than that of the device under test.
Using this configuration allows one to see the true spectral purity
or phase noise performance of the PLL in the device under test.
Due to the tracking ability of a PLL, it will track the input signal up
to its loop bandwidth. Therefore, if the input phase noise is greater
than that of the PLL, it will increase the output phase noise
performance of the device. It is recommended that the phase
noise performance of the input is verified in order to achieve the
above phase noise performance.
Raw Phase Noise Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com